W2RS-52D-R
AI

The **W2RS-52D-R** is a specific model of a **Slim-type I/O Relay Terminal** (often manufactured by companies like **Wago** or **Anywire**, or as part of specialized industrial interface series). These components are essential for bridging the gap between high-level controllers (like PLCs) and field devices (actuators/sensors).
---
## 1. Core Technical Specifications
The "W2RS" series typically denotes a space-saving relay board. Below are the general specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Electromechanical (Replaceable) |
| **Channels** | 2-Point (Dual Channel) |
| **Input Voltage** | 24V DC (Standard for Industrial Control) |
| **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) per channel |
| **Terminal Type** | Screw or Push-in (Depends on specific sub-housing) |
| **Mounting** | DIN Rail (35mm) |
---
## 2. Key Electronic Components
The internal PCB of the W2RS-52D-R consists of several protective and functional electronic parts:
### A. The Relay Unit
* **Function:** Acts as the physical switch. It uses an electromagnetic coil to move a contact.
* **Capacity:** Usually rated for 5A to 10A at 250V AC or 30V DC.
### B. LED Status Indicators
* **Function:** Visual feedback. A green or red LED lights up when the input signal (24V DC) is active, allowing for quick troubleshooting.
### C. Protection Diode (Flyback Diode)
* **Function:** Connected in parallel with the relay coil.
* **Purpose:** It suppresses the high-voltage spike (back EMF) that occurs when the coil is de-energized, protecting the PLC's output transistor from damage.
### D. Polarity Protection
* **Function:** Prevents the board from burning out if the positive and negative wires are swapped at the input.
---
## 3. Wiring Configuration
The "52D" designation often refers to the specific wiring density or connector type. Generally, the wiring is split into two sides:
1. **Input Side (Control):** Receives the signal from the PLC (usually 24V DC).
2. **Output Side (Load):** The "Dry Contacts" that switch the external device (Motor, Valve, Light).
```mermaid
graph LR
A[PLC Output] --> B[W2RS Input Coil]
B --> C[Internal LED]
D[External Power] --> E[Relay Contact COM]
E --> F[Relay Contact NO/NC]
F --> G[Field Device/Load]
```
---
## 4. Main Advantages
* **Maintenance:** Since the relays are socket-mounted, if a contact wears out, you can replace the individual relay without rewiring the entire terminal block.
* **Isolation:** Provides complete electrical isolation between the control circuit (sensitive electronics) and the power circuit (high voltage/current).
* **Space Efficiency:** The "Slim" design allows for high-density mounting in electrical cabinets.
---
- ⤷
What is the maximum switching current for the W2RS-52D-R contacts?
- ⤷ How do I replace an individual relay on this terminal block?
- ⤷ Is there a Solid State Relay (SSR) version of this model?