W2RS-4D2-R
AI

The **W2RS-4D2-R** is a specific model of a **Relay Terminal Block** (often manufactured by companies like Autonics or Dinkle). These devices are used as an interface between a controller (like a PLC) and high-power field devices to ensure signal isolation and current amplification.
---
## 1. Technical Specifications
The model name usually follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Relay Channels** | 4-Channel (D4) |
| **Input Voltage** | 24VDC (Standard for PLC logic) |
| **Contact Rating** | Typically 250VAC 5A / 30VDC 5A |
| **Socket Type** | Slim Plug-in Relay (Allows easy replacement) |
| **Mounting** | DIN Rail 35mm |
| **Output Type** | 1c (SPDT - Single Pole Double Throw) per channel |
---
## 2. Key Electronic Components
The W2RS-4D2-R consists of several internal parts designed for circuit protection and signal processing:
### A. Power Relays
The heart of the unit. Each channel has a mechanical relay that physically separates the control circuit from the load circuit. This prevents high-voltage spikes from traveling back to the PLC.
### B. LED Indicators
The "R" in the model often signifies the inclusion of **Status LEDs**. These are integrated into the PCB to show whether each specific channel is energized (On) or de-energized (Off), aiding in troubleshooting.
### C. Surge Suppression (Flyback Diodes)
Inside the module, there are protection diodes (Freewheeling diodes) across the relay coils. These absorb the **back-EMF** generated when the relay coil is switched off, protecting the transistor outputs of the PLC.
### D. Terminal Connections
* **Input Side:** Usually a common terminal (+ or -) and individual signal pins.
* **Output Side:** Features **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed) terminals for each relay.
---
## 3. Wiring Diagram Concept
When wiring the W2RS-4D2-R, the electronic flow follows this logic:
```mermaid
graph LR
PLC[PLC Output 24VDC] --> IN[W2RS Input Terminal]
IN --> COIL[Relay Coil]
COIL --> LED[Indication LED]
COIL --> GND[Common Ground]
LOAD_PWR[External Load Power] --> COM[Common Pin]
COM -.-> NO[Normally Open]
NO --> DEVICE[Motor/Solenoid/Lamp]
```
---
## 4. Primary Applications
* **Signal Amplification:** Using a low-current PLC signal to drive a high-current motor or valve.
* **Voltage Conversion:** Controlling a 220VAC device using a 24VDC control signal.
* **Isolation:** Protecting sensitive CPU boards from electrical noise and short circuits in the field.
- ⤷
What is the maximum switching frequency for the W2RS-4D2-R relays?
- ⤷ How do I replace a single relay if it fails on this terminal block?
- ⤷ Can this model be used with NPN and PNP PLC outputs?