W2RS-4BB-R
AI

The **W2RS-4BB-R** is a specific model of a **Terminal Block Relay Module** (commonly known as an I/O Relay Terminal) manufactured by **WIDMULLER** or, more commonly, **WOLONG/LS Electric** (often used in PLC interface applications).
It is designed to simplify the wiring between a controller (like a PLC) and field devices while providing electrical isolation and switching capabilities.
---
### 1. Key Technical Specifications
The model name can be broken down into specific technical attributes:
| Feature | Specification |
| :--- | :--- |
| **Relay Channels** | 4 Channels (4 independent relays) |
| **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) per channel |
| **Rated Voltage** | 24V DC (Standard for most industrial control) |
| **Switching Current** | Typically 5A to 10A (Depending on the relay mounted) |
| **Mounting Type** | DIN Rail Mount (Standard 35mm) |
| **Indication** | LED status indicator for each channel |
---
### 2. Main Components and Their Functions
1. **Electromagnetic Relays**: The heart of the module. These provide physical separation between the low-power control signal (input) and the high-power load (output).
2. **Flyback Diodes**: Integrated across the relay coils to protect the driving transistors/PLC outputs from voltage spikes (Back EMF) when the relay is de-energized.
3. **LED Indicators**: Visual feedback for troubleshooting; the LED lights up when the specific channel receives an input signal.
4. **Terminal Blocks**: Screw-type terminals that allow for secure connection of wires without soldering.
5. **PCB (Printed Circuit Board)**: A ruggedized board that connects the input signals to the relays and the relays to the output terminals.
---
### 3. Applications and Benefits
* **PLC Protection**: Prevents high-voltage surges from the load side from traveling back and damaging expensive PLC output cards.
* **Signal Conversion**: Allows a low-current 24V DC signal to switch a high-current AC or DC load (e.g., a motor starter, solenoid valve, or heater).
* **Space Efficiency**: The compact design allows for 4 relays to be mounted in a very small footprint on a DIN rail compared to using 4 individual industrial relays.
* **Maintenance**: If a single relay fails, it can often be unplugged and replaced (if using a socketed design) without rewiring the entire system.
---
### 4. Wiring Overview
| Side | Purpose | Typical Connections |
| :--- | :--- | :--- |
| **Input (Coil)** | Receives trigger signal | PLC Digital Output (+24V) and Common (GND) |
| **Output (Contact)** | Switches the load | Power Source (L/+) -> COM -> NO/NC -> Load |
---
- ⤷
What is the maximum switching voltage for the W2RS-4BB-R?
- ⤷ Can the relays in this module be replaced individually if they fail?
- ⤷ How does a 1c (SPDT) contact differ from a 1a (SPST) contact in this module?