W2RS-4AA-R2
AI

The **W2RS-4AA-R2** is a specific model within the **W2RS series** of ultra-slim, signal conditioners/transducers manufactured by **M-System**. It is primarily used in industrial automation for signal isolation and conversion.
---
### 1. Technical Specifications
The part number `W2RS-4AA-R2` can be broken down into its functional components:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Model** | W2RS | Dual-output Signal Conditioner (Ultra-slim) |
| **Input** | 4 | 4 to 20 mA DC |
| **Output 1** | A | 4 to 20 mA DC |
| **Output 2** | A | 4 to 20 mA DC |
| **Power Supply** | R2 | 11/27 V DC (Ripple 10% p-p max) |
---
### 2. Key Electronic Features
The device serves as a **Loop Isolator/Splitter**. Its primary purpose is to take one current loop input and provide two independent, isolated current loop outputs.
#### A. Isolation Architecture
The "R2" variant utilizes a sophisticated 4-way isolation scheme. This ensures that electrical noise or surges do not pass between circuits:
* **Input to Output 1**
* **Input to Output 2**
* **Output 1 to Output 2**
* **Input/Outputs to Power Supply**
#### B. Signal Conversion
* **Input Impedance:** Typically around $250 \Omega$ for the 4-20mA input.
* **Load Resistance:** Output 1 and Output 2 can usually drive up to $550 \Omega$ each.
* **Accuracy:** Generally $\pm 0.1\%$ of span, providing high-precision data transmission.
#### C. Physical Design
* **Construction:** Slim-line housing (approx. 12.5mm wide) designed for DIN rail mounting.
* **Termination:** Tension clamp or screw terminals (depending on the specific base).
* **Status Indicator:** Equipped with a front-facing Power LED to indicate the health of the 24V DC supply.
---
### 3. Application Use-Case
The W2RS-4AA-R2 is commonly used when a single sensor (like a pressure transmitter) needs to send a signal to two different devices simultaneously (e.g., a **PLC** and a **Local Display Chart Recorder**) without the risk of a ground loop or one device's failure affecting the other.
---
### 4. Circuit Connection Block Diagram
```mermaid
graph LR
Input[4-20mA Source] --> Device(W2RS-4AA-R2)
Power[24V DC Power] --> Device
Device --> Out1[Output 1: 4-20mA]
Device --> Out2[Output 2: 4-20mA]
```
- ⤷
What is the maximum power consumption for the W2RS-4AA-R2?
- ⤷ Can the Output 2 be configured for a voltage signal instead of current?
- ⤷ How does 4-way isolation differ from 3-way isolation in this model?