W2RS-3C1-R2
AI

The **W2RS-3C1-R2** is a specific part number typically associated with **Industrial Interface Relays** (often manufactured by brands like **WAGO** or similar industrial electronics suppliers). This specific model is a slim-style relay module designed for signal isolation and switching in automation systems.
---
### 1. Key Technical Specifications
The part number breaks down into specific electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Electromechanical Interface Relay |
| **Input Voltage (Coil)** | 24V DC (Standard for R2 series) |
| **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) |
| **Max Switching Current** | 6A |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Mounting Style** | DIN-rail (TS 35) |
| **Connection Technology** | Push-in or Screw CAGE CLAMP® |
---
### 2. Core Electronic Components
The device is not just a mechanical switch; it contains several internal electronic parts to ensure safety and longevity:
* **Electromagnetic Coil:** The actuator that creates a magnetic field when 24V DC is applied, pulling the contacts to close the circuit.
* **AgSnO2 Contacts:** The internal switch is usually made of Silver Tin Oxide, which provides high arc resistance and prevents welding under load.
* **Freewheeling Diode (Flyback Diode):** Integrated to suppress the inductive voltage spikes (back EMF) generated when the relay coil is de-energized, protecting the driving PLC or controller.
* **LED Status Indicator:** A green or red LED positioned on the front to provide visual confirmation that the input circuit is energized.
* **Isolation Barrier:** Provides physical and electrical separation (usually up to 4kV) between the low-voltage control side (PLC) and the high-voltage load side (Motors/Solenoids).
---
### 3. Application Use Cases
The W2RS-3C1-R2 is primarily used in control cabinets for:
1. **Signal Doubling:** Taking one PLC output to trigger a higher-power device.
2. **Galvanic Isolation:** Protecting sensitive electronic controllers from electrical noise or surges on the field side.
3. **Voltage Level Conversion:** Using a 24V DC signal to switch a 230V AC motor or lamp.
---
### 4. Wiring Diagram Representation
```mermaid
graph LR
A[Input +24V] --> B((Coil))
C[Input 0V] --> B
D[Common] --- E{Contact}
E --> F[Normally Open]
E --> G[Normally Closed]
```
- ⤷
What is the difference between the R2 and R1 versions of this relay?
- ⤷ How do I test the continuity of the AgSnO2 contacts?
- ⤷ Can this relay be used for high-frequency switching applications?