công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-3BC-R

  • AI
    The **W2RS-3BC-R** is a specific electronic component typically categorized as a **Terminal Block Relay Module** or an **Interface Relay**. These modules are commonly used in industrial automation to act as a bridge between low-power control signals (like a PLC output) and high-power loads. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Relay Interface Module | | **Number of Channels** | 3 Channels (3 independent relays) | | **Control Voltage (Input)** | Typically 24V DC (Standard for "3BC" series) | | **Switching Capacity** | 5A to 10A (Depending on the specific load type) | | **Mounting Type** | DIN Rail Mounting | | **Wiring Connection** | Screw terminals for Input and Output | --- ### 2. Internal Electronic Parts Breakdown #### A. Electromagnetic Relays The core of the unit consists of three individual electromagnetic relays. When current flows through the input coil, it creates a magnetic field that moves an armature, physically opening or closing the electrical contacts. * **Contacts:** Usually made of silver alloy to prevent pitting and ensure high conductivity. #### B. Protection Circuitry (Flyback Diodes) Inside the module, each relay coil is paired with a **Flyback Diode** (also known as a freewheeling diode). * **Function:** It protects the control device (PLC/Transistor) from high-voltage spikes (back EMF) generated when the relay coil is de-energized. #### C. LED Status Indicators There are individual LEDs (usually green or red) for each channel. * **Function:** Provides visual confirmation that the control signal is active and the relay should be energized. #### D. Terminal Block Interface The "W2RS" designation often refers to the physical housing. * **Input Terminals:** Where the 24V DC control signals are connected. * **Output Terminals:** Common (COM), Normally Open (NO), and sometimes Normally Closed (NC) contacts for the load side. --- ### 3. Application Use Cases * **Isolation:** Protecting sensitive PLC circuits from high-voltage AC loads. * **Signal Multiplication:** Using one small signal to switch a much larger current. * **Level Shifting:** Converting a 24V DC control signal into a 220V AC output for a motor or solenoid. --- ### 4. Wiring Diagram Concept ```text [Control Side] [Isolation Barrier] [Load Side] PLC Output (24V) ---> Relay Coil + Diode ---> NO Contact (Load) Signal Common ---> Relay Coil ---> Common (Power Source) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the W2RS-3BC-R?
    • ⤷ Can this module be used with AC input signals instead of DC?
    • ⤷ How do I replace an individual relay on this module if it fails?