công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-1CD-R/Q

  • AI
    The **W2RS-1CD-R/Q** is a specific industrial interface relay terminal module, typically manufactured by companies like **Walsin** or **Wago** (or specialized Japanese industrial electronics firms). It is designed to act as an intermediary between a PLC (Programmable Logic Controller) and high-power field devices. --- ## 1. Technical Specifications This module is characterized by its compact design and high reliability in switching inductive and resistive loads. | Feature | Specification | |:---|:---| | **Contact Form** | 1C (SPDT - Single Pole Double Throw) | | **Input Voltage** | Typically 24V DC (Standard for PLC control) | | **Switching Current** | Up to 10A (Depending on the specific relay mounted) | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Termination** | Screw terminals or Spring clamp (depending on sub-series) | | **Protection** | Built-in surge suppression (diode) for the coil | --- ## 2. Key Electronic Components The "W2RS" series is a modular assembly consisting of several critical electronic parts: ### A. The Electromagnetic Relay The core of the unit is a pluggable relay (often an OMRON G2R or equivalent). - **The Coil:** Converts the electrical input into a magnetic field. - **The Contacts:** Silver alloy contacts designed to handle high inrush currents without welding. ### B. Indication & Protection Circuitry - **LED Indicator:** A small SMD LED is wired in parallel with the coil to provide a visual status of the "ON" state. - **Flyback Diode:** Connected across the relay coil. It prevents "back EMF" (voltage spikes) from damaging the transistors in the PLC when the relay is turned off. ### C. PCB Layout - **Thick Trace Design:** The internal Printed Circuit Board uses thick copper traces to handle the high current on the output side (Load side). - **Isolation:** Physical spacing (creepage) is maintained between the low-voltage control side and the high-voltage load side to ensure safety. --- ## 3. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the specific variant: 1. **W2RS:** Series prefix (Interface Relay Terminal). 2. **1C:** Refers to the contact arrangement (1 Changeover contact). 3. **D:** Usually indicates a DC input voltage. 4. **R/Q:** Designates specific terminal orientations or the inclusion of quick-connect/release mechanisms. --- ## 4. Typical Applications * **PLC Output Buffering:** Protecting delicate PLC internal relays from high-current loads. * **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC motor or solenoid. * **Isolation:** Galvanic isolation between control circuits and field power.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R and Q versions of this relay module?
    • ⤷ How do I wire the common terminal for an AC load?
    • ⤷ What is the maximum switching frequency for the W2RS-1CD series?