AI

The **W2RS-1B3-R2** is a specific model within the **W2RS series of transducer converters** (isolators) manufactured by **M-System**. These devices are primarily used in industrial automation to convert, isolate, and transmit DC signals between field instruments and control systems (PLC/DCS).
---
### 1. Key Technical Specifications
The model code "W2RS-1B3-R2" breaks down into specific electrical parameters:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Input** | **1** | 0 – 10 mV DC |
| **Output 1** | **B** | 2 – 10 V DC |
| **Output 2** | **3** | 0 – 1 V DC |
| **Power Supply** | **R2** | 11 – 27 V DC |
| **Isolation** | 3-Port | Input to Output 1 to Output 2 to Power |
| **Response Time** | Fast | Typically ≤ 0.5 seconds (0 to 90%) |
---
### 2. Functional Electronic Components
The internal circuitry of the W2RS-1B3-R2 consists of several critical stages:
#### A. Input Conditioning Stage
Since the input is a low-voltage **mV signal (0-10mV)**, this stage uses high-precision operational amplifiers with low offset drift. It buffers the signal to prevent loading the source instrument.
#### B. Galvanic Isolation (The "Core")
This is the most important electronic feature. It uses **Transformer Isolation** to separate the input, outputs, and power supply.
* **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges in the field.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
#### C. Dual Output Drive
The unit features two independent output channels.
* **Output 1 (2-10V):** Designed for high-impedance loads (standard voltage input for PLCs).
* **Output 2 (0-1V):** Often used for local monitoring or parallel recording devices.
#### D. Power Management
The "R2" designation indicates a DC power input. It contains internal switching regulators to convert the 11-27V DC input into stable internal operating voltages for the analog circuitry.
---
### 3. Application Use Case
In an industrial environment, the W2RS-1B3-R2 acts as a "bridge":
1. **Sensor Side:** A sensor outputs a tiny 0-10mV signal (e.g., a shunt or a specific pressure bridge).
2. **Conversion:** The W2RS amplifies this to a more robust 2-10V signal.
3. **Protection:** If a short circuit occurs at the sensor, the 2000V isolation prevents the fault from traveling back to and destroying the expensive PLC/DCS.
---
### 4. Physical Termination
The device typically uses a **M3 screw terminal base** for wiring.
```markdown
Terminal Layout (Typical):
- 1, 2: Output 1 (+/-)
- 3, 4: Output 2 (+/-)
- 5, 6: Input (+/-)
- 7, 8: Power Supply (+/-)
```
- ⤷
What is the maximum load resistance supported by the 2-10V output?
- ⤷ Can the W2RS-1B3-R2 be mounted on a standard DIN rail?
- ⤷ What are the environmental temperature limits for this specific model?