công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-121-R

  • AI
    The **W2RS-121-R** is a specific model within a series of **Industrial Miniature Power Relays**, typically manufactured by brands like *Weller* or various industrial automation suppliers. It is designed to act as an electrically operated switch used to control a high-power circuit with a low-power signal. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for this relay: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 12V DC (indicated by the '12' in the prefix) | | **Contact Rating** | 10A to 16A @ 250V AC / 30V DC | | **Mounting Type** | PCB Mount or Plug-in Socket | | **Terminal Material** | Silver Alloy (AgNi or AgSnO2) | | **Feature** | "R" suffix usually denotes "Resistive" or "RoHS Compliant" | --- ### Core Electronic Components The device consists of four primary internal parts: 1. **Electromagnetic Coil:** * A copper wire winding around an iron core. When 12V DC is applied, it creates a magnetic field. 2. **Armature:** * The moving part that responds to the magnetic field. It physically shifts to open or close the contacts. 3. **Spring Mechanism:** * Ensures that the armature returns to its original "Normally Closed" (NC) position once power is removed from the coil. 4. **Contacts (Switch):** * The points where the high-load circuit is connected. The "121" configuration typically implies a high-capacity single-pole switch capable of handling inductive loads. --- ### Terminal Configuration The pins on the bottom of a W2RS-121-R are generally arranged as follows: * **Coil Pins (2):** Where the 12V control signal is applied. * **Common (COM):** The main terminal that connects to either the NC or NO pin. * **Normally Open (NO):** Circuit is open when the relay is off; closes when energized. * **Normally Closed (NC):** Circuit is closed when the relay is off; opens when energized. --- ### Application Usage * **PLC Outputs:** Interfacing low-voltage PLC outputs with high-voltage motors or heaters. * **Automotive Electronics:** Controlling lights or pumps via 12V battery systems. * **Home Automation:** Switching AC appliances via microcontrollers (like ESP32 or Arduino) using a transistor driver.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2RS-121-R relay?
    • ⤷ Does this relay require a flyback diode when used with a microcontroller?
    • ⤷ What are the compatible DIN rail sockets for this specific model?