công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-114-R2

  • AI
    The **W2RS-114-R2** is a specific model of an **Electromechanical Power Relay**, typically used in industrial automation, control panels, and PCB-mounted power switching applications. It is designed to act as an electrically operated switch that allows a low-power signal to control a high-power circuit. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for this relay series: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Rated Load (Resistive)** | 10A to 16A @ 250VAC / 30VDC | | **Max Switching Voltage** | 440VAC / 300VDC | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Mounting Type** | PCB Through-hole | --- ### 2. Internal Electronic Components The W2RS-114-R2 consists of four primary internal sections: #### A. The Coil (Input Side) The "heart" of the relay. When current flows through the copper winding, it creates a magnetic field. * **Sensitivity:** Designed for low power consumption to be driven by transistors or microcontrollers (often via a driver IC). * **Resistance:** The coil has a specific Ohmic value that determines the current draw. #### B. The Armature and Spring A mechanical linkage that moves when the coil is energized. The spring ensures that when power is removed, the contacts return to their "Normal" state (Fail-safe). #### C. Contacts (Output Side) The electronic parts that physically touch to complete the circuit. * **NO (Normally Open):** Connects when the relay is energized. * **NC (Normally Closed):** Disconnects when the relay is energized. * **COM (Common):** The moving terminal that toggles between NO and NC. #### D. Insulation Barrier High-quality dielectric materials separate the low-voltage coil side from the high-voltage contact side to prevent arcing and ensure safety. --- ### 3. Application Circuit Example To use this relay with a microcontroller (like an Arduino or ESP32), you generally need a "Flyback Diode" to protect your electronics from voltage spikes. ```cpp // Example: Driving a W2RS-114-R2 via a Transistor Digital_Pin -> Resistor -> Base of NPN Transistor Collector -> Relay Coil (Pin 1) Emitter -> GND VCC -> Relay Coil (Pin 2) // Note: Place a 1N4007 diode across Pin 1 and Pin 2 of the coil! ``` --- ### 4. Common Use Cases * **HVAC Systems:** Turning on compressors or fans. * **Home Automation:** Smart plugs and lighting control. * **Industrial PLC Outlets:** Interfacing logic controllers with heavy motors. * **Power Supplies:** Inrush current protection or output sequencing.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the R2 variant?
    • ⤷ How does a flyback diode protect the circuit when using this relay?
    • ⤷ What is the difference between the 114 and 112 models in this series?