công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-0C1-R2

  • AI
    The **W2RS-0C1-R2** is a specific part number typically associated with an **Electronic Dual-Channel Speed Switch** or a tachometer relay, commonly used in industrial automation for monitoring rotational speeds. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Functional Overview The W2RS-0C1-R2 is designed to monitor the speed of a rotating shaft via an input sensor (such as a proximity switch or encoder). It compares the input frequency against a preset threshold and triggers an internal relay output if the speed exceeds or falls below the setpoint. ### 2. Electronic Specifications | Feature | Description | | :--- | :--- | | **Input Signal** | NPN/PNP Open Collector, Voltage Pulses, or Contact Closures | | **Power Supply** | Typically 24V DC or 100-240V AC (model dependent) | | **Output Type** | Relay Contact (SPDT) or Open Collector | | **Response Time** | < 10ms to 50ms (adjustable via filters) | | **Display Type** | LED or LCD for real-time RPM/Frequency monitoring | | **Mounting** | DIN Rail or Panel Mount | ### 3. Key Electronic Components * **Microcontroller (MCU):** The "brain" that calculates the frequency of incoming pulses and manages the logic for the setpoints. * **Input Optocoupler:** Provides galvanic isolation between the sensor input and the internal logic to prevent electrical noise or surges from damaging the unit. * **Potentiometers/Digital Interface:** Used to calibrate the "Trip Point" (the speed at which the relay activates). * **Electromechanical Relay:** The physical switch (R2 suffix often indicates a specific relay configuration) that allows the device to control high-power circuits like motor starters or alarms. ### 4. Wiring and Interface Typically, the device follows this pinout logic: 1. **Power Terminals:** V+ and V- (or L/N for AC). 2. **Sensor Power:** Provides 12V/24V DC to power the external proximity sensor. 3. **Signal Input:** Receives the pulse train from the sensor. 4. **Relay Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC). ### 5. Common Applications * **Overspeed Protection:** Shutting down a motor if it exceeds safe RPM. * **Zero-Speed Detection:** Signaling a controller that a conveyor belt has stopped or jammed. * **Clutch/Brake Monitoring:** Ensuring mechanical engagement is occurring at the correct speed. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input frequency supported by the W2RS-0C1-R2?
    • ⤷ How do you calibrate the setpoint for this specific speed switch?
    • ⤷ Can this unit be used with a 3-wire NPN proximity sensor?