W2RS-043-R2
AI

The **W2RS-043-R2** is a specific model of an **Industrial Interface Relay Module** (often manufactured by companies like Weidmüller or Dinkle, depending on the specific catalog prefix). These modules are designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power industrial loads.
---
### 1. Key Technical Specifications
The "W2RS" series typically refers to a 2-channel Slim Relay interface. Below are the common electronic characteristics for this specific part:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Control Voltage (Input)** | 24V DC |
| **Number of Channels** | 2 Independent Channels |
| **Contact Type** | 1 Form C (SPDT) per channel |
| **Max Switching Current** | 6A to 10A (Depending on load type) |
| **Mounting Type** | DIN Rail (TS-35) |
| **Termination** | Screw Terminals |
| **LED Indicator** | Yes (Status Monitoring) |
---
### 2. Internal Electronic Components
The module is not just a relay; it contains several electronic safety and signaling components:
* **Electromagnetic Relay:** The core switching component. It uses an internal coil to physically move contacts to open or close a circuit.
* **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to protect the driving circuit (like a PLC output) from high-voltage spikes generated when the coil is de-energized.
* **LED Indicator:** A low-power Light Emitting Diode that provides visual confirmation that the input signal is active.
* **Reverse Polarity Protection:** A diode usually placed at the input to prevent damage if the 24V DC wires are connected backward.
* **Varistor (Optional):** Some R2 versions include a MOV (Metal Oxide Varistor) to suppress electrical surges on the contact side.
---
### 3. Connection Pinout Logic
The terminal block is generally divided into two sections:
#### Input Side (Control)
* **S1 / S2:** Signal inputs for Channel 1 and Channel 2.
* **COM (-):** Common negative return for the control signal.
#### Output Side (Load)
* **NO (Normally Open):** Connects to the load when the relay is energized.
* **NC (Normally Closed):** Disconnects from the load when the relay is energized.
* **COM (Common):** The feed line for the load voltage.
---
### 4. Application Use Case
The W2RS-043-R2 is commonly used in **Control Panels** for:
1. **Isolation:** Keeping the sensitive 24V DC electronics separate from 230V AC motors or solenoids.
2. **Signal Multiplication:** Using one PLC output to switch multiple high-current devices.
3. **Maintenance:** Since these are often "plug-in" style relays on a base, the relay can be replaced without rewiring the entire panel.
- ⤷
What is the maximum switching frequency for this relay module?
- ⤷ Does the W2RS-043-R2 support AC control input or only DC?
- ⤷ What are the dimensions for DIN rail spacing for this unit?