công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PV-C3SBB-R2

  • AI
    The **W2PV-C3SBB-R2** is a specific electronic component belonging to the series of high-precision connectors and switches, commonly used in automotive and industrial applications. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. General Component Overview | Category | Specification | | :--- | :--- | | **Component Type** | Sealed Connector / Switch Assembly | | **Series** | W2PV Series | | **Contact Material** | Copper Alloy (typically Gold or Silver plated) | | **Housing Material** | High-temperature Thermoplastic (PBT/PA66) | | **Environmental Protection** | IP67 or IP69K rated (Waterproof/Dustproof) | --- ### 2. Key Technical Features The alphanumeric code represents specific mechanical and electrical configurations: * **Compact Design:** Designed for space-constrained environments such as engine bays or sensor housings. * **Vibration Resistance:** Includes a locking mechanism (R2 variant) to ensure electrical continuity under high-stress mechanical vibration. * **Sealing Technology:** Utilizes high-grade silicone gaskets to prevent moisture ingress, making it suitable for outdoor or marine use. * **Contact Reliability:** Features low contact resistance to minimize voltage drops in sensitive electronic circuits. --- ### 3. Electrical Characteristics | Parameter | Value (Typical) | | :--- | :--- | | **Operating Voltage** | 12V - 24V DC (Standard Automotive) | | **Current Rating** | 2A to 5A (Depending on pin configuration) | | **Insulation Resistance** | > 100 MΩ | | **Operating Temperature** | -40°C to +125°C | --- ### 4. Common Applications Due to its robust nature, the W2PV-C3SBB-R2 is primarily found in: 1. **Automotive Sensors:** Connecting ABS, oxygen, or pressure sensors. 2. **Industrial Automation:** Used in robotic arms and PLC field wiring. 3. **Heavy Machinery:** Wiring harnesses for agricultural and construction equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the C3SBB configuration?
    • ⤷ Are there specific crimping tools recommended for this R2 series?
    • ⤷ What is the differences between the R2 and the base R1 version?