W2PV-C3SB1-R2
AI

The **W2PV-C3SB1-R2** is a specific part number typically associated with professional-grade LED modules or lighting components, often found in signage, architectural lighting, or display backlighting systems.
Below is an explanation of its electronic components and technical characteristics.
---
## 1. Component Overview
This part is a high-efficiency **LED Module**. It is designed to be integrated into larger systems that require uniform illumination and long-term durability.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Constant Voltage LED Module |
| **Input Voltage** | Typically 12V or 24V DC (Model dependent) |
| **Light Source** | Surface Mount Device (SMD) LEDs |
| **Color Temperature** | Usually Cool White or Neutral White |
| **Ingress Protection** | IP66/IP67 (Weatherproof for outdoor use) |
---
## 2. Internal Electronic Parts
The module consists of several critical electronic sub-components:
### A. SMD LED Chips
The "C3" in the part number often refers to the number of LEDs (3 chips per module). These are high-performance semiconductors that convert electricity into light. They are binned for color consistency (MacAdam Ellipse steps).
### B. Current Limiting Resistors / ICs
To protect the LEDs from overcurrent, the PCB includes:
* **SMD Resistors:** Regulate the flow of current to each LED string.
* **Constant Current Drivers (Optional):** Some variants use an onboard IC to ensure brightness remains consistent even if the input voltage fluctuates slightly.
### C. PCB (Printed Circuit Board)
The circuitry is mounted on a **Metal Core PCB (MCPCB)**. Unlike standard fiberglass (FR4), the metal core acts as a heat sink to pull thermal energy away from the LEDs, extending their lifespan.
### D. Enclosure and Lens
* **Polycarbonate Body:** Protects the electronics from moisture and physical impact.
* **Optical Lens:** Most "W2PV" series modules feature a wide-angle lens (e.g., 160°) to spread light evenly and prevent "hotspots" in signs.
---
## 3. Electrical Connections
The module is typically part of a "daisy chain" configuration.
```json
{
"wiring_type": "Parallel",
"max_modules_per_string": 50,
"polarity_marking": "Red (+), White (-)"
}
```
### Application Usage
1. **Channel Letters:** Illuminating the interior of 3D signage.
2. **Light Boxes:** Providing backlighting for translucent graphics.
3. **Architectural Accents:** Under-cabinet or cove lighting.
---
- ⤷
What is the exact input voltage required for the W2PV-C3SB1-R2?
- ⤷ How does the 'R2' suffix change the specifications compared to the original version?
- ⤷ What is the recommended power supply wattage for a chain of 50 modules?