công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PV-C3S12-R2

  • AI
    The **W2PV-C3S12-R2** is a specialized power management module, typically classified as an AC-DC or DC-DC power supply unit used in industrial automation, telecommunications, or server environments. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-density power conversion. The nomenclature generally breaks down as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | Wide range AC (90V - 264V) or DC depending on chassis | | **Output Voltage** | +12V DC (Main Rail) | | **Max Power** | Approximately 300W - 450W (Standard for S12 series) | | **Efficiency** | 80 PLUS Gold or Platinum equivalent | | **Form Factor** | Proprietary Plug-in Module / CRPS (Common Redundant Power Supply) | --- ### 2. Core Electronic Components The internal architecture of the W2PV-C3S12-R2 consists of several critical stages: #### A. Input Filtering & PFC * **EMI Filter:** Uses X and Y capacitors along with common-mode chokes to reduce electromagnetic interference. * **Active PFC (Power Factor Correction):** Utilizes a boost converter topology to ensure the power factor is >0.95, optimizing energy usage from the grid. #### B. Switching Topology * **PWM Controller:** High-frequency pulse width modulation controls the MOSFETs to regulate output voltage. * **Resonant LLC Converter:** Often used in the S12 series to achieve high efficiency by minimizing switching losses through zero-voltage switching (ZVS). #### C. Secondary Side (Output) * **Synchronous Rectification:** Uses low RDS(on) MOSFETs instead of diodes to rectify the output, significantly reducing heat and increasing efficiency. * **Filtering:** High-quality solid polymer capacitors are used to ensure low ripple and noise on the 12V rail. --- ### 3. Protection & Logic Features The unit is equipped with a microcontroller or dedicated ICs to handle the following "Smart" features: * **I2C / PMBus Interface:** Allows the host system to monitor real-time statistics like temperature, fan speed, current draw, and voltage levels. * **Safety Interlocks:** 1. **OVP (Over Voltage Protection):** Shuts down if output exceeds ~13.2V. 2. **OCP (Over Current Protection):** Prevents damage during short circuits. 3. **OTP (Over Temperature Protection):** Thermal sensors monitor heat sinks and throttle or shut down the unit if cooling fails. --- ### 4. Connector Pinout Overview The "R2" revision typically features a high-current gold-finger edge connector. | Pins | Function | | :--- | :--- | | **Power Blades** | +12V Output and Return (GND) | | **Signal Pins** | PS_ON (Remote enable), PS_KILL, PW_OK (Power Good) | | **Communication** | SDA, SCL (I2C Data and Clock lines) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 12V rail on this model?
    • ⤷ Does the W2PV-C3S12-R2 support hot-swapping in a redundant configuration?
    • ⤷ Which manufacturer produces this specific power supply module?