công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PV-C32B-R/CE

  • AI
    The **W2PV-C32B-R/CE** is a specific part number associated with **Wago's TOPJOB S series** or similar rail-mounted terminal block systems, typically configured as a **plug-in connector** or a specialized distribution component. Below is a technical breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block Connector / Plug | | **Current Rating** | Typically 32A (indicated by '32' in the suffix) | | **Voltage Rating** | 500V to 800V (depending on IEC/UL application) | | **Connection Technology** | Push-in CAGE CLAMP® | | **Color Coding** | Grey (Body) / Red (identified by '-R') | | **Certifications** | CE Marked, UL Recognized | | **Conductor Range** | 0.25 mm² to 4 mm² (22–12 AWG) | --- ### 2. Key Electronic Features #### A. Push-in CAGE CLAMP® Technology This is the core electronic interface. It allows for: * **Vibration Resistance:** The spring-loaded clamp ensures a constant pressure on the wire, making it immune to thermal expansion or mechanical vibration. * **Tool-free Wiring:** Solid or ferruled conductors can be pushed directly into the unit. #### B. Modular Design The "W2PV" prefix suggests a specialized vertical or pluggable configuration. These are designed to be used in high-density control panels where space is at a premium and modularity (for quick replacement) is required. #### C. Safety and Insulation * **IP Rating:** Generally designed to be touch-proof (IP20) when fully inserted. * **Dielectric Strength:** Built to withstand high impulse voltages (often up to 6kV or 8kV) to protect downstream electronics from surges. --- ### 3. Part Number Decoding (Typical) | Segment | Meaning | | :--- | :--- | | **W2PV** | Series prefix (Pluggable/Vertical variant) | | **C32** | Capacity indicator (Often 32 Amps) | | **B** | Basic or Body configuration | | **R** | Red color identification (often used for specific polarities or signals) | | **CE** | Compliant with European safety, health, and environmental requirements | --- ### 4. Application Areas * **Industrial Control Panels:** Used as a bridge between internal wiring and external field sensors. * **Power Distribution:** Handling moderate current loads in automation racks. * **Railway/Transportation:** Due to the vibration-proof nature of the spring clamp technology. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum wire gauge supported by the W2PV series?
    • ⤷ Does this model support bridging with adjacent terminal blocks?
    • ⤷ Is there a blue (neutral) version of this specific part number?