W2PV-C2S22-R2/UL
AI

The **W2PV-C2S22-R2/UL** is a high-performance industrial cooling fan assembly manufactured by **Sanyo Denki** (San Ace). This specific model belongs to the **San Ace 200W** series, designed for high airflow and high static pressure in demanding environments.
### Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki (San Ace) |
| **Frame Size** | 200mm x 200mm |
| **Thickness** | 70mm |
| **Voltage** | 200V / 230V AC (50/60Hz) |
| **Power Consumption** | ~50W - 65W (Depending on Hz) |
| **Rotation Speed** | ~2,700 - 3,100 RPM |
| **Airflow Rate** | ~335 - 395 CFM |
| **Static Pressure** | ~170 - 240 Pa |
| **Bearing Type** | Dual Ball Bearing |
| **Safety Certification** | UL / CSA / CE |
---
### Key Electronic & Mechanical Components
#### 1. AC Induction Motor
Unlike smaller DC fans, this unit utilizes a rugged **AC induction motor**. It is designed for continuous 24/7 operation. The "W" designation often indicates a "Splash Proof" or highly durable design intended to withstand harsh industrial environments.
#### 2. Dual Ball Bearing System
The internal rotor is supported by two high-precision ball bearings. This electronic-mechanical integration ensures:
* **Long Service Life:** Typically rated for 40,000 to 70,000 hours of continuous use.
* **Multi-orientation Mounting:** Can be mounted vertically or horizontally without affecting bearing wear.
#### 3. Thermal Protection
The motor windings include an internal **thermal protector**. If the fan stalls or the internal temperature exceeds safety thresholds, the circuit will break or limit current to prevent a fire hazard, conforming to UL safety standards.
#### 4. Die-cast Aluminum Frame
The housing is made of aluminum rather than plastic. This acts as a **heat sink** for the motor windings, dissipating heat generated by the coils during high-speed operation.
#### 5. Lead Wire Interface
The "R2" suffix typically denotes the specific wiring or connector configuration. Usually, these fans come with UL-certified lead wires (3-wire or 2-wire) designed to handle high-voltage AC input.
---
### Applications
* **Server Enclosures:** High-density rack cooling.
* **Industrial Control Panels:** Heat dissipation for high-power inverters and PLCs.
* **Telecommunications:** Cooling for outdoor base stations.
* **Medical Equipment:** Large-scale imaging or diagnostic machines requiring steady airflow.
- ⤷What is the difference between the AC and DC versions of the San Ace 200 series?
- ⤷ How do I interpret the 'UL' suffix in the part number?
- ⤷ What are the specific maintenance requirements for ball bearing industrial fans?