W2PV-C2S1A-R2
AI

The **W2PV-C2S1A-R2** is a specialized electronic component, typically categorized as a **High-Power Industrial Power Supply** or a specific **Server/Networking Power Distribution unit**, often associated with brands like Delta Electronics or Supermicro in high-availability environments.
---
## 🛠️ Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC Power Supply Module (Hot-Swappable) |
| **Input Voltage Range** | 90V – 264V AC (Universal Input) |
| **Output Power** | Typically 1200W - 1600W (depending on input voltage) |
| **Efficiency Rating** | 80 PLUS Platinum or Titanium (94%+ efficiency) |
| **Form Factor** | 1U Slim / Rackmount |
| **Cooling** | Internal high-speed DC fan (airflow direction varies) |
---
## 🔍 Electronic Architecture
The device is composed of several sophisticated electronic subsystems designed for stability and safety:
### 1. Input Stage (EMI & PFC)
* **EMI Filter:** Blocks high-frequency noise from returning to the power grid.
* **Active PFC (Power Factor Correction):** Uses an inductor and MOSFETs to ensure the current waveform matches the voltage waveform, maximizing power efficiency.
### 2. Primary Side (Switching)
* Uses **Full-Bridge or LLC Resonant** topology to minimize switching losses.
* High-voltage MOSFETs convert rectified DC into high-frequency AC for the transformer.
### 3. Secondary Side (Rectification)
* **Synchronous Rectification:** Uses MOSFETs instead of diodes to convert low-voltage AC back to DC, significantly reducing heat and energy waste.
* **DC-DC Converters:** Individual stages to generate +12V (main rail), +5Vsb, and +3.3V.
### 4. Communication & Monitoring
* **PMBus Interface:** Allows the system motherboard to monitor real-time data such as temperature, fan speed, current draw, and voltage ripples.
---
## ⚠️ Integrated Protection Features
| Protection Type | Description |
| :--- | :--- |
| **OVP** | Over Voltage Protection - Shuts down if output exceeds safe limits. |
| **OCP** | Over Current Protection - Prevents damage from short circuits or excessive load. |
| **OTP** | Over Temperature Protection - Internal thermal sensors trigger shutdown if cooling fails. |
| **SCP** | Short Circuit Protection - Immediate cut-off in case of a direct short. |
---
## 📋 Typical Applications
* **Enterprise Servers:** Used in dual-redundancy configurations (1+1).
* **Networking Switches:** High-density data center hardware.
* **Storage Arrays:** Powering large-scale NAS or SAN systems.
- ⤷
What is the exact pinout for the gold finger connector on the W2PV series?
- ⤷ How can I read the PMBus data from this power supply using an Arduino?
- ⤷ What is the recommended airflow direction for the R2 revision?