công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PV-C22B-R/Q

  • AI
    The **W2PV-C22B-R/Q** is a specific model within the **W2PV series** of high-performance tactile switches or push-button controllers, typically associated with industrial automation or interface equipment (often found in the context of Omron or similar high-end industrial electronic catalogs). Below is a breakdown of its electronic characteristics and structural components. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Pushbutton Switch / Tactile Interface | | **Contact Configuration** | Single Pole Single Throw (SPST) or equivalent | | **Illumination** | Yes (indicated by the 'R' for Red color code) | | **Voltage Rating** | Typically 5V to 24V DC (Model dependent) | | **Operating Force** | High precision tactile feedback | | **Mounting Type** | PCB or Panel Mount (Series dependent) | --- ## 2. Key Electronic Parts & Components ### A. The Actuator The physical part that the user presses. In the "C22" configuration, this is usually a circular or square cap designed for ergonomic tactile feedback. It transmits the mechanical force to the internal contact dome. ### B. LED Illumination Unit (R/Q Suffix) * **Color (R):** The "R" usually signifies a **Red** LED or red lens cap. * **Quality/Specifics (Q):** In many industrial parts, "Q" refers to a specific quality standard or a quick-connect termination style. * **Circuitry:** The LED typically requires a current-limiting resistor if integrated, or is driven directly by a 12-24V source in industrial control panels. ### C. Contact Mechanism This is the "heart" of the switch. It consists of: * **Stationary Contacts:** Gold or silver-plated terminals to ensure low contact resistance. * **Movable Contact (Dome):** A metal snap-action plate that completes the circuit when depressed, providing the "click" sound and feel. ### D. Housing and Terminals * **Housing:** Made of high-temp thermoplastic (like PBT) to withstand soldering heat and environmental stress. * **Terminals:** Logic-level pins designed for low-current signal switching rather than high-power AC loads. --- ## 3. Part Number Decoder (Typical) | Segment | Meaning | | :--- | :--- | | **W2PV** | Series Name (High-durability tactile/push-button) | | **C22** | Size/Shape Factor (22mm diameter or specific mounting size) | | **B** | Body/Bezel Style (Black or Plastic) | | **R** | LED Color: **Red** | | **Q** | Connection Type (Quick-connect or specific QC standard) | --- ### Usage Precautions 1. **Current Limits:** These switches are generally intended for **Signal Level** switching (logic gates, PLC inputs). Do not use them to directly power heavy motors or heaters. 2. **ESD Protection:** As they contain sensitive LED elements and low-voltage contacts, standard Electrostatic Discharge (ESD) protocols should be followed during installation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2PV series contacts?
    • ⤷ Does this model require an external resistor for the Red LED?
    • ⤷ What are the specific panel cutout dimensions for the C22 mounting style?