W2PV-C22A-R2
AI

The **W2PV-C22A-R2** is a specific electronic component, typically categorized as a **pushbutton switch** within the industrial automation and control panel sector. It is commonly associated with manufacturers like OMRON or similar industrial part suppliers.
---
### 1. General Specifications
This part is designed for high durability and pilot-duty applications. Below are the typical technical characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Pushbutton Switch (Non-illuminated/Illuminated depending on assembly) |
| **Mounting Diameter** | 22 mm (Standard industrial hole size) |
| **Operation Type** | Momentary (Spring return) |
| **Contact Configuration** | Usually DPST or SPST (often 1NO/1NC) |
| **Color** | Red (indicated by the "-R" suffix) |
| **IP Rating** | IP65/IP66 (Dust-tight and water-resistant) |
---
### 2. Key Electronic Parts & Construction
The assembly consists of several modular sub-components that work together to complete an electrical circuit:
1. **Operator (Actuator):** The visible red button on the front of the panel. It is the mechanical interface for the user.
2. **Contact Block:** The electrical heart of the switch. When the button is pressed, the internal bridge moves to connect or disconnect the terminals.
* **Normally Open (NO):** Circuit is open until pressed.
* **Normally Closed (NC):** Circuit is closed until pressed (often used for stop functions).
3. **Mounting Collar:** The plastic or metal ring that secures the operator to the panel and provides the interface for snapping on the contact blocks.
4. **Terminals:** Screw-type terminals located at the rear for connecting copper wiring (typically 14-22 AWG).
---
### 3. Application Use Cases
This part is frequently found in control circuits rather than power circuits.
* **Logic Signaling:** Sending a pulse to a PLC (Programmable Logic Controller) input.
* **Motor Starters:** Activating a magnetic contactor to start a motor.
* **Manual Overrides:** Allowing an operator to manually trigger a machine cycle.
---
### 4. Circuit Diagram Representation
In a schematic, this component is represented by the following logic:
```text
[ Terminal 1 ] ----\ ---- [ Terminal 2 ] (Normally Open)
\
[ Terminal 3 ] ----| |---- [ Terminal 4 ] (Normally Closed)
```
- ⤷
What is the maximum voltage and current rating for the W2PV series contact blocks?
- ⤷ Does this model support LED illumination
- ⤷ or is it strictly non-illuminated?
- ⤷ What is the mechanical life expectancy (number of operations) for this switch?