AI

The **W2PV-C1BB-R** is a specific part number belonging to the **W2PV series** of high-performance tactile switches, typically manufactured by suppliers like **Omron** or specialized switch manufacturers. These components are designed for precision, reliability, and compact integration in consumer electronics and industrial interfaces.
### 1. Component Overview
This component is a **Tactile Switch**. It is a momentary push-button switch that provides physical (tactile) feedback to the user when pressed.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | Typically medium (approx. 1.6N to 2.5N) |
| **Contact Arrangement** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Termination** | Gull-wing or J-bend leads for PCB soldering |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly, the "W2PV" series generally follows this logic:
* **W2PV**: Series designation (Ultra-subminiature tactile switch).
* **C**: Actuator height/style (typically "C" denotes a specific stem height).
* **1**: Operating force code.
* **BB**: Packaging or material variation (often refers to Silver-plated contacts).
* **R**: Packaging type (Tape and Reel for automated SMT pick-and-place).
---
### 3. Key Technical Characteristics
#### A. Physical Dimensions
These switches are designed for "high-density mounting." They usually feature a very small footprint (e.g., 3.0mm x 2.5mm or similar), making them ideal for wearable technology or mobile devices.
#### B. Durability and Environment
* **Life Expectancy**: Usually rated for 100,000 to 1,000,000 cycles.
* **Sealing**: Often features an **IP67** rating (dust-tight and water-resistant), protecting the internal contacts from moisture and debris.
#### C. Electrical Ratings
```json
{
"Max_Voltage": "12V DC",
"Max_Current": "50mA",
"Contact_Resistance": "< 100mΩ",
"Insulation_Resistance": "> 100MΩ"
}
```
---
### 4. Applications
The W2PV-C1BB-R is commonly found in:
* **Wearables**: Smartwatches and fitness trackers.
* **Portable Medical**: Handheld diagnostic tools.
* **Consumer Tech**: Bluetooth headsets and camera shutter buttons.
* **Industrial**: Low-profile control panels.
- ⤷What is the exact footprint size for the W2PV series on a PCB layout?
- ⤷ How does the IP67 rating impact the soldering process for this part?
- ⤷ Are there alternative actuation forces available within the W2PV family?