công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PV-C1AB-R/CE

  • AI
    The **W2PV-C1AB-R/CE** is a high-performance **Brushless DC (BLDC) motor** part of the W2PV series, typically used in industrial automation, precision motion control, and high-torque applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this component: | Specification | Details | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 24V DC / 48V DC (System dependent) | | **Shaft Type** | Round Shaft (Option R) | | **Brake Configuration** | Electromagnetic Brake (Option B) | | **Connector Type** | Integrated Connector (Option C) | | **Compliance** | CE (European Conformity) | --- ### 2. Core Electronic Subsystems The operation of the W2PV-C1AB-R/CE relies on three main electronic internal structures: #### A. Stator and Rotor Assembly * **Stator:** Contains copper windings arranged in phases. Electronic commutation is used to energize these phases in sequence to create a rotating magnetic field. * **Rotor:** Features high-grade permanent magnets. Since there are no brushes, there is no mechanical friction or sparking, leading to a longer lifespan. #### B. Feedback Mechanisms (Hall Effect Sensors) To ensure precise rotation, the motor contains internal **Hall Effect Sensors**. These electronic components: 1. Detect the position of the rotor's magnetic poles. 2. Send digital signals back to the motor driver. 3. Allow the driver to determine which phase to energize next for smooth torque delivery. #### C. Electromagnetic Brake (B-Suffix) The "B" in the part number indicates an integrated electronic brake. * **Operation:** It is a power-off activated brake. * **Safety:** When the 24V power to the brake circuit is cut, a spring-loaded mechanism locks the shaft, preventing movement in the event of an emergency stop or power failure. --- ### 3. Wiring and Connectivity The "C" designation indicates the use of integrated connectors rather than lead wires. This provides: * **EMI Shielding:** Better protection against electromagnetic interference. * **Ease of Maintenance:** Quick-disconnect capability for industrial environments. * **Pin Configuration:** Usually split into a **Power/Phase connector** (U, V, W, Ground) and a **Signal connector** (Hall sensors, Brake control). --- ### 4. Typical Applications * **Conveyor Systems:** High-efficiency transport with precise speed control. * **Robotic Arms:** Compact size with high torque output. * **Packaging Machinery:** Reliable stop-start cycles using the integrated brake.
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor drivers for the W2PV series?
    • ⤷ How do I wire the electromagnetic brake on this specific model?
    • ⤷ What is the rated torque and RPM for the C1AB configuration?