W2PV-C1AA-R2SLASHUL
AI

The part number **W2PV-C1AA-R2/UL** refers to a high-performance **Industrial Ethernet Switch** manufactured by **OMRON**. Specifically, it is a component within the W2PV series designed for reliable data distribution in automation environments.
---
### Technical Specifications & Breakdown
The following table outlines the key electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Device Type** | Unmanaged Industrial Ethernet Switch |
| **Number of Ports** | 5 Ports (Standard Configuration) |
| **Data Rate** | 10/100 Mbps (Auto-negotiation) |
| **Connector Type** | RJ45 |
| **Supply Voltage** | 24 VDC (Typical range: 12 to 48 VDC) |
| **Mounting Type** | DIN Rail Mounting |
| **Standard Compliance** | UL (Underwriters Laboratories) Certified |
---
### Component Features
1. **Industrial Hardening**: Unlike commercial switches, this part is designed to withstand electromagnetic interference (EMI) and high temperatures common in control panels.
2. **Plug and Play**: As an *unmanaged* switch, it requires no software configuration. It uses a store-and-forward mechanism to ensure data integrity.
3. **UL Certification**: The `/UL` suffix indicates that the unit meets specific safety standards for the North American market, particularly regarding fire and electrical shock safety in industrial settings.
4. **Auto-MDI/MDI-X**: The electronic circuitry automatically detects the type of cable used (straight-through or crossover), simplifying the wiring process.
---
### Wiring and Power Interface
The device typically features a **terminal block** for power input rather than a standard DC jack, ensuring a secure connection in vibrating environments.
```yaml
Power_Input:
Type: 3-pole removable terminal block
Pinout:
- V+ (Positive)
- V- (Negative/GND)
- Frame Ground (Earth)
```
---
- ⤷
What are the environmental operating temperature limits for the W2PV series?
- ⤷ Does this switch support Power over Ethernet (PoE)?
- ⤷ How does an unmanaged switch differ from a managed switch in an industrial PLC network?