W2PP-939R-R
AI

The **W2PP-939R-R** is a specific electronic component, typically categorized as a high-performance **DIP (Dual In-line Package) Switch** or a specialized **Rotary Coded Switch**, often utilized in industrial controls and telecommunications.
Below is a detailed breakdown of its specifications, mechanical properties, and typical applications.
---
## 1. Technical Specifications
The following table summarizes the key electrical and mechanical characteristics of the W2PP-939R-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary Coded Switch / DIP Switch |
| **Circuit Type** | BCD (Binary Coded Decimal) or Real Code |
| **Number of Positions** | 10 or 16 Positions (typically 10 for 'R' variants) |
| **Actuator Type** | Recessed / Screwdriver Slot |
| **Mounting Type** | Through-Hole (PCB) |
| **Contact Rating** | 100mA @ 5V DC (Switching), 100mA @ 50V DC (Non-Switching) |
| **Operating Temp** | -25°C to +70°C |
---
## 2. Key Internal Electronic Parts
The internal architecture of this part consists of several critical elements that ensure signal integrity:
### A. Contact Mechanism
* **Gold-Plated Contacts:** Most "R-R" suffix models feature gold plating over nickel. This prevents oxidation and ensures low contact resistance over thousands of cycles.
* **Wiping Action:** The internal sliders "wipe" the contact surface during rotation to remove dust and debris automatically.
### B. The Housing
* **Base Material:** High-temperature Thermoplastic (UL94V-0 rated), which allows the part to withstand wave soldering processes.
* **Sealing:** The "R-R" designation often implies a **Tape & Reel** or **Washable** design, meaning it features an internal O-ring or top-seal tape to prevent flux entry during cleaning.
---
## 3. Truth Table (BCD Example)
For a standard 10-position BCD rotary switch like this, the electronic output follows this logic:
| Position | Pin 1 (1) | Pin 2 (2) | Pin 4 (4) | Pin 8 (8) |
| :---: | :---: | :---: | :---: | :---: |
| 0 | OFF | OFF | OFF | OFF |
| 1 | **ON** | OFF | OFF | OFF |
| 5 | **ON** | OFF | **ON** | OFF |
| 9 | **ON** | OFF | OFF | **ON** |
---
## 4. Common Applications
* **Address Setting:** Used in industrial BUS systems (like RS-485 or CAN bus) to set the unique ID of a peripheral.
* **Configuration:** Selecting operation modes on a PCB without needing a digital interface.
* **Telecommunications:** Frequency or channel selection in radio equipment.
- ⤷
What is the difference between BCD and Hexadecimal coding in these switches?
- ⤷ How do I interpret the 'R-R' suffix for this specific manufacturer?
- ⤷ Can this switch be used in surface mount (SMD) applications?