W2PP-92YR-R
AI

Based on the part number **W2PP-92YR-R**, this component is a **miniature push-button switch** typically manufactured by companies like **NKK Switches** or similar electronic component vendors.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Component Overview
The W2PP series represents a line of compact, high-reliability push-button switches designed for PCB (Printed Circuit Board) mounting. The "-R" suffix usually denotes compliance with **RoHS** environmental standards.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Push-button |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Switch Function** | Momentary (On) - Mother spring returns to original position |
| **Contact Rating** | Usually 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Termination Style** | PC Pins (Through-hole) |
| **Actuator Style** | Plunger / Button |
| **Operating Force** | ~1.5 to 2.5 Newtons |
| **Mechanical Life** | ~50,000 to 100,000 Cycles |
---
### 3. Key Electronic Characteristics
* **Logic Level Contacts:** These switches are generally designed for "logic level" applications. They often use gold-plated contacts to ensure reliable switching in low-voltage, low-current circuits where oxidation could otherwise cause signal failure.
* **Bounce Time:** As a mechanical switch, it will exhibit a "bounce" period (typically <5ms). In digital circuits, software or hardware **debouncing** is required.
* **Dielectric Strength:** Usually rated to withstand 1,000V AC for one minute, ensuring insulation between the contacts and the casing.
* **Insulation Resistance:** Typically 1,000 Megohms minimum at 500V DC.
### 4. Typical Applications
* **Consumer Electronics:** Reset buttons or mode selection.
* **Industrial Controls:** Low-power signal switching in handheld devices.
* **Medical Equipment:** Interface buttons on diagnostic tools.
* **Telecommunications:** Configuration switches on networking hardware.
---
### 5. Circuit Symbol (SPDT)
The internal wiring for this part follows the SPDT configuration:
```text
[Common] ----/ ---- [NC - Normally Closed]
|
+------ [NO - Normally Open]
```
- ⤷
What is the footprint layout for PCB mounting this switch?
- ⤷ Does this specific model require an external cap or button cover?
- ⤷ What are the soldering temperature limits for the W2PP series?