W2PP-929N-R2
AI

The **W2PP-929N-R2** is a specific electronic component, typically categorized as a **surface-mount (SMT) or through-hole power inductor/choke**, often found in automotive and industrial power management circuits.
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. General Specifications
The part is designed for high-reliability environments. The "R2" suffix typically denotes a specific revision or a lead-free (RoHS compliant) version of the original design.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Inductance Range** | Varies by sub-model (Commonly 1.0µH to 10µH) |
| **Tolerance** | ±20% |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Composite Metal Powder / Ferrite |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 2. Key Electronic Properties
#### A. Power Handling & Efficiency
The W2PP-929N-R2 is engineered for **High Saturation Current ($I_{sat}$)**. This means the inductance value remains stable even when high levels of DC current flow through the coil. It uses a low-resistance copper winding to minimize **Direct Current Resistance (DCR)**, reducing heat generation during operation.
#### B. Magnetic Shielding
The "929N" series typically features a shielded construction. This is critical for:
* **EMI Reduction:** Preventing electromagnetic interference from leaking into surrounding high-speed data lines.
* **Compact Layouts:** Allowing other components to be placed close to the inductor without cross-talk.
#### C. Thermal Stability
Designed to operate in harsh environments, these parts often support temperature ranges from **-40°C to +125°C**, making them suitable for automotive (under-the-hood) and industrial sensor applications.
---
### 3. Application Use Cases
Inductors like the W2PP-929N-R2 are fundamental to the following circuit types:
1. **DC-DC Converters:** Acting as the energy storage element in Buck (step-down) or Boost (step-up) regulators.
2. **Voltage Regulator Modules (VRM):** Smoothing out current ripples for microprocessors and FPGAs.
3. **Noise Filtering:** Used in LC filters to clean high-frequency noise from power supply lines.
---
### 4. Code Representation (Typical Footprint)
If you are integrating this into a PCB design software (like Altium or KiCad), the footprint usually adheres to a standard metric size (e.g., 10x10mm or similar).
```yaml
Component_Data:
Manufacturer_Part: W2PP-929N-R2
Category: Passives -> Inductors
Package: SMD_Square_10mm
Pins: 2
Material_Type: Shielded_Composite
```
- ⤷What is the exact saturation current (Isat) for this specific model?
- ⤷ Which manufacturer produces the W2PP-929N-R2?
- ⤷ How does the 'R2' suffix affect its RoHS compliance?