công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-923R-R2

  • AI
    The **W2PP-923R-R2** is a specific electronic component, typically categorized as a **surface-mount power inductor** (often part of a series produced by manufacturers like ABC Taiwan or similar magnetic component specialists). Below is a detailed breakdown of its electronic characteristics and structural parts. --- ### 1. Component Specifications Inductors like the W2PP-923R-R2 are designed to store energy in a magnetic field and are primarily used for power conversion and noise filtering. | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Surface Mount (SMD) Power Inductor | | **Inductance Value** | Typically 9.2 µH (indicated by "92" in the part number) | | **Configuration** | Dual-winding or "Power Pair" (indicated by "PP") | | **Mounting Style** | SMD / SMT (Surface Mount Technology) | | **Core Material** | Ferrite or Metal Composite (low core loss) | --- ### 2. Internal Electronic Parts The performance of the W2PP-923R-R2 is derived from four main physical sub-components: #### A. The Magnetic Core The core is the "heart" of the inductor. It is usually made of a **Ferrite material**. * **Function:** Concentrates the magnetic flux, allowing for higher inductance in a smaller physical footprint. * **Shielding:** The "R" series usually denotes a magnetically shielded design, which prevents electromagnetic interference (EMI) from affecting nearby components. #### B. Copper Windings The "W2PP" designation often refers to **Dual Windings** (Wire-wound). * **Material:** High-purity oxygen-free copper wire with an enamel insulation layer. * **Purpose:** To carry the current. Having two windings (Pair) allows the component to be used as a 1:1 transformer, a common-mode choke, or connected in series/parallel to change inductance. #### C. Termination Pads (Electrodes) These are the physical contact points soldered to the PCB. * **Plating:** Usually Tin (Sn) over a Nickel (Ni) barrier to prevent "leaching" during high-temperature reflow soldering. * **Reliability:** Designed for high mechanical strength to withstand thermal expansion. #### D. Base/Header Some versions utilize a liquid crystal polymer (LCP) or ceramic base to hold the windings and terminals in place, ensuring high insulation resistance between the two coils. --- ### 3. Common Applications Due to its dual-winding nature, the W2PP-923R-R2 is versatile: 1. **DC-DC Converters:** Used in SEPIC or Zeta topologies where two coupled inductors are required. 2. **EMI Filtering:** Can act as a common-mode choke to filter out high-frequency noise in power lines. 3. **Isolation:** Provides functional isolation between two circuits while transferring energy through induction. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the W2PP-923R-R2?
    • ⤷ How does the 'R2' suffix impact the tolerance or packaging of this part?
    • ⤷ Can this inductor be used as a 1:1 transformer in a Flyback converter?