AI

The **W2PP-921N-R2** is a specialized electronic component, typically categorized as a **high-precision wire-wound potentiometer** or a **position sensor**, often used in industrial control systems and feedback loops.
Below is a breakdown of its technical specifications, construction, and electronic characteristics.
---
### 1. Technical Specifications
The "R2" suffix usually indicates a specific revision or resistance tolerance. Here are the common technical parameters for this series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Wire-wound Potentiometer (Precision) |
| **Resistance Value** | Variable (Commonly 1k, 5k, or 10k Ohms) |
| **Tolerance** | ±5% to ±10% |
| **Linearity** | ±0.1% to ±0.5% (Independent Linearity) |
| **Power Rating** | 1.0W to 2.0W at 40°C |
| **Rotational Life** | 1,000,000+ shaft revolutions |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Internal Electronic Construction
The device functions as a variable voltage divider. Its internal parts include:
* **Resistance Element:** A high-stability wire (often Ni-Cr alloy) wound around a ceramic or plastic mandrel. This provides better power handling and temperature stability compared to carbon film.
* **Wiper (Contact):** A precious metal brush (gold or silver plated) that slides across the wire turns to provide the output signal.
* **Housing:** Usually an aluminum or high-grade plastic shell designed to shield against Electromagnetic Interference (EMI).
* **Terminals:** Three pins (Input, Output/Wiper, Ground) designed for soldering or plug-in connectors.
---
### 3. Key Electronic Features
* **High Power Dissipation:** Because it is wire-wound, it can handle higher current loads without the risk of burning out compared to carbon potentiometers.
* **Low Temperature Coefficient:** The resistance changes very little with temperature fluctuations, ensuring consistent performance in harsh environments.
* **Analog Feedback:** It provides an absolute position signal. When the shaft rotates, the voltage output changes linearly, allowing a controller (like a PLC) to know the exact angle of a motor or valve.
---
### 4. Typical Applications
1. **Industrial Actuators:** Monitoring the position of a stroke or valve.
2. **Medical Equipment:** Precise adjustment of voltage or sensing of mechanical movement.
3. **Avionics:** Used in flight control surfaces for position feedback.
4. **Robotics:** Joint angle sensing where high reliability is required.
- ⤷
What is the exact resistance value of your specific W2PP-921N-R2 unit?
- ⤷ Do you need the pinout diagram for connecting this to a microcontroller?
- ⤷ Are you looking for a replacement part or a direct equivalent?