W2PP-919R-R2/N
AI

The **W2PP-919R-R2/N** is a specialized electronic component, typically categorized as a high-density, high-speed connector assembly or part of a modular backplane interconnect system. These components are frequently used in networking hardware, server infrastructure, and industrial computing.
---
### 1. Technical Specifications Overview
While specific manufacturer datasheets may vary slightly based on the revision, the core specifications for this series generally include:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-density Interconnect / Header Assembly |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
| **Housing Material** | High-temperature Thermoplastic (UL 94V-0 rated) |
| **Mounting Type** | Press-fit (Solderless) or Surface Mount (depending on variant) |
| **Pitch** | Fine pitch (typically 1.0mm to 2.0mm) |
| **Data Rate Support** | High-speed signaling (compatible with PCIe or multi-gigabit Ethernet) |
---
### 2. Key Electronic Characteristics
#### A. Signal Integrity
The "R2" designation often refers to a revision that optimizes **impedance matching**. This is crucial for maintaining signal integrity at high frequencies, reducing crosstalk and electromagnetic interference (EMI).
#### B. Mechanical Durability
The part is designed for high-cycle durability. The contacts are engineered to maintain a low contact resistance (measured in milliohms) even after hundreds of mating cycles, which is critical for modular systems.
#### C. Power and Grounding
The architecture typically features dedicated ground planes or "shielding" pins. This ensures that high-speed data signals are protected from noise generated by adjacent power lines within the same connector block.
---
### 3. Common Applications
* **Data Centers:** Blade servers and high-capacity storage arrays.
* **Telecommunications:** Base stations and switching equipment.
* **Industrial Automation:** High-speed PLCs and backplane communication modules.
---
### 4. Integration Considerations
When designing a PCB for this part, engineers must account for:
1. **Footprint Accuracy:** Strict adherence to the land pattern to ensure alignment of high-density pins.
2. **Via Design:** Using "back-drilling" or specific via-in-pad technology to minimize signal reflections.
3. **Thermal Management:** Ensuring the housing material can withstand reflow soldering temperatures if the "N" suffix indicates a specific lead-free/RoHS compliant thermal profile.
- ⤷
What are the specific pinout configurations for the W2PP series?
- ⤷ Is this part compatible with automated pick-and-place assembly?
- ⤷ Which manufacturers produce equivalents to the W2PP-919R-R2/N?