W2PP-339R-R
AI

The **W2PP-339R-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Power Inductor** or a specialized resistor/potentiometer part depending on the manufacturer's series. However, it is most commonly associated with **Bourns** or similar manufacturers in the context of power management components.
Below is the technical breakdown of its characteristics:
### 1. Component Overview
The part is designed for high-density circuit boards where space and power efficiency are critical.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Passive Component (Inductor/Filter) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape & Reel (indicated by the final "-R") |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Technical Specifications
Based on the nomenclature `W2PP-339R-R`, here are the likely electronic properties:
* **Inductance/Resistance Value:** The "339" code usually follows the standard EIA marking system. This represents **33** followed by **9** zeros (or a specific multiplier). In many power series, this refers to a value in the microhenry ($\mu H$) or Ohm ($\Omega$) range depending on the specific product family.
* **Tolerance:** Typically $\pm 10\%$ or $\pm 20\%$.
* **Current Rating:** Designed to handle specific saturation currents (Isat) and heating currents (Irms) without damaging the core or winding.
---
### 3. Physical Construction
* **Core Material:** Usually Ferrite or Metal Alloy to minimize electromagnetic interference (EMI).
* **Shielding:** Most parts in this series are **Shielded**, meaning the magnetic field is contained to prevent interference with nearby components on the PCB.
* **Terminals:** Solder-plated pads for high-reliability reflow soldering.
---
### 4. Common Applications
These parts are found in power conversion and signal conditioning circuits:
1. **DC-DC Converters:** Used as storage elements in buck or boost regulators.
2. **Noise Filtering:** Acting as a low-pass filter in power lines to remove high-frequency noise.
3. **Consumer Electronics:** Found in smartphones, tablets, and laptops due to the compact SMD form factor.
4. **Automotive Systems:** If qualified (AEC-Q200), used in infotainment or ADAS modules.
---
### 5. Part Number Breakdown
While manufacturer codes vary slightly, the structure generally follows:
| Segment | Meaning |
| :--- | :--- |
| **W2PP** | Series/Series Family (Material & Size code) |
| **339** | Value Code (e.g., 33 x 10^9 or a specific factory code) |
| **R** | Tolerance Code (often indicates decimal point or $\pm$ %) |
| **-R** | Packaging Code (Tape & Reel) |
---
- ⤷What is the exact inductance or resistance value of the '339' code?
- ⤷ Is this part AEC-Q200 qualified for automotive use?
- ⤷ What are the physical dimensions (footprint) of the W2PP series?