W2PP-332R-R2/N
AI

The **W2PP-332R-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific type of **Common Mode Choke**, depending on the manufacturer's specific series (often associated with brands like *Walsin* or *Bourns* alternatives).
Below is a detailed breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Parameter | Value/Description |
| :--- | :--- |
| **Component Type** | Wire-wound Power Inductor / Filter |
| **Inductance Value** | 3.3 µH (indicated by "332") |
| **Tolerance** | ±20% (Typical for 'R' series) |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Status** | Compliant (Lead-Free) |
| **Termination** | Tin-plated (Sn) |
### 2. Physical Construction
The "W2PP" series is built to handle high-frequency noise and power management. Its construction typically involves:
* **Core Material:** Ferrite core, which provides high magnetic permeability and minimizes energy loss at high frequencies.
* **Winding:** Precision copper wire winding to ensure low DC resistance (DCR).
* **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Footprint:** Designed for automated pick-and-place assembly.
### 3. Key Electronic Functions
This component serves three primary roles in a circuit:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency AC noise while allowing DC current to pass through.
3. **Current Smoothing:** Reduces ripple current in power supply outputs to provide a stable voltage to sensitive ICs.
### 4. Application Areas
You will commonly find the W2PP-332R-R2/N in the following environments:
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Power Modules:** Point-of-Load (POL) converters.
* **Telecommunications:** Network hubs and routers where EMI shielding is critical.
* **Automotive:** Infotainment systems and electronic control units (ECUs).
---
### 5. Identification Code Breakdown
```text
W2PP - 332 - R - R2 / N
| | | | |
Series Induct. Tol. Pkg Lead-Free/Special
```
* **332:** The first two digits (33) are significant figures; the third (2) is the multiplier ($10^2$). $33 \times 10^2$ = 3,300 nH or **3.3 µH**.
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ Is there a direct equivalent from Murata or TDK for this part?
- ⤷ How does the DCR of the W2PP-332R compare to unshielded inductors?