W2PP-32YR-R2
AI

The **W2PP-32YR-R2** is a specific industrial interface module, typically associated with the **W-Series** produced by manufacturers like **WECON** or similar industrial automation providers. It is designed to act as a high-density digital output expansion module for Programmable Logic Controllers (PLCs).
---
### 1. Key Technical Specifications
The part number breakdown reveals specific hardware characteristics:
| Feature | Specification |
| :--- | :--- |
| **I/O Type** | Digital Output (DO) |
| **Number of Points** | 32 Channels |
| **Output Type** | Relay Output |
| **Isolation** | Optical/Galvanic Isolation |
| **Connection Method** | High-density connector (often MIL-spec or terminal block) |
| **Mounting** | DIN Rail Mounting |
---
### 2. Component Analysis
#### A. Relay Outputs (YR)
The "YR" designation indicates that the switching mechanism is a **Mechanical Relay**.
* **Advantage:** Supports both AC and DC loads.
* **Advantage:** High current capacity compared to transistor outputs.
* **Limitation:** Slower switching speeds and a finite mechanical lifespan (cycles).
#### B. High-Density Logic
With 32 channels in a compact form factor, the internal PCB utilizes:
* **Optocouplers:** To protect the internal CPU logic from surges on the field side.
* **Driver ICs:** To amplify the low-power logic signal to drive the relay coils.
* **LED Indicators:** Typically features 32 status LEDs for real-time monitoring of each output state.
---
### 3. Connection & Wiring
Because 32 points are condensed into a small module, the **W2PP-32YR-R2** usually requires a specific wiring harness.
```yaml
Wiring Configuration:
- Common Ports: Usually grouped (e.g., 4 or 8 channels per Common).
- Power Supply: Requires external 24V DC to power the internal relay coils.
- Load Compatibility:
- Resistive: ~2A per point
- Inductive: Reduced rating (requires flyback diodes/snubbers)
```
---
### 4. Comparison: Relay vs. Transistor
| Feature | W2PP-32YR-R2 (Relay) | W2PP-32YT (Transistor) |
| :--- | :--- | :--- |
| **Load Type** | AC or DC | DC Only |
| **Current** | Higher (~2A) | Lower (~0.5A) |
| **Frequency** | Low (Hz) | High (kHz / PWM) |
| **Durability** | Mechanical Wear | Electronic (Infinite) |
---
- ⤷
What is the maximum switching frequency for this relay module?
- ⤷ Does the W2PP-32YR-R2 require an external 24VDC power supply for the relays?
- ⤷ What is the specific connector type used for the 32-point interface?