công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-32YN-R2

  • AI
    The **W2PP-32YN-R2** is a specific part number typically associated with **industrial programmable logic controllers (PLCs)** or remote I/O modules, often within the **LS Electric (formerly LG Industrial Systems)** or similar automation ecosystems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This unit serves as a **DC Input/Transistor Output** module, designed to interface between field devices (sensors, switches) and the central processing unit of an automation system. | Feature | Specification | | :--- | :--- | | **Type** | Digital I/O Module (Combined) | | **I/O Points** | 32 Points (16 Input / 16 Output) | | **Input Voltage** | 24V DC | | **Output Type** | Transistor (Sink/NPN) | | **Connection Method** | MIL Connector (40-pin) | --- ### 2. Electronic Component Breakdown #### A. Input Section (16 Points) The input side is designed to detect signals from proximity sensors, push buttons, or limit switches. * **Isolation:** Usually features **Optocoupler isolation** to protect the internal logic circuitry from high-voltage spikes or noise on the field side. * **Input Current:** Typically ~4mA to 7mA per point. * **Response Time:** Features an electronic filter to prevent "chatter," with a response time usually adjustable or fixed at <1ms to 10ms. #### B. Output Section (16 Points) The output side uses power transistors to drive loads like solenoids, relays, or indicator lamps. * **Transistor Type:** **NPN (Sink)**. This means the load is connected between the positive rail and the module; the module "sinks" the current to ground to activate the device. * **Rated Load Voltage:** 12/24V DC. * **Max Current:** Generally 0.1A to 0.5A per point (check specific thermal derating curves if using all points simultaneously). * **Protection:** Often includes internal **Zener diodes** or surge suppressors to handle back-EMF from inductive loads. #### C. Connectivity & Form Factor * **Wiring:** Instead of screw terminals, this model uses a **40-pin MIL connector**. This allows for high-density wiring and quick replacement via pre-made cable harnesses. * **LED Indicators:** The front panel typically includes LEDs to indicate the status of each I/O point and the "Ready" status of the module. --- ### 3. Application Use Cases 1. **High-Speed Switching:** Because it uses transistors rather than mechanical relays, it can handle high-frequency switching without wear and tear. 2. **Compact Panels:** The 32-point density in a small footprint is ideal for space-constrained control cabinets. 3. **Direct PLC Integration:** Used as an expansion module for XGB or XGT series PLCs. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 40-pin MIL connector on this module?
    • ⤷ Can this module be used with PNP (Source) sensors?
    • ⤷ What are the specific power consumption requirements for the W2PP-32YN-R2?