AI

The **W2PP-31YR-R2** is a specific industrial-grade control component, typically categorized as a **Selector Switch** or **Control Switch** used in automation panels and machinery interfaces.
Below is the detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The device is designed for pilot duty, meaning it is used to send signals to PLCs, contactors, or relays rather than powering heavy machinery directly.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Selector Switch (Rotary) |
| **Mounting Diameter** | 22mm / 30mm (Standard Industrial) |
| **Operator Positions** | 3-Position |
| **Operation Mode** | Maintained (Stays in position) or Spring Return |
| **Contact Block Type** | N/O (Normally Open) / N/C (Normally Closed) |
| **Illumination** | Non-Illuminated (standard for this series) |
---
### 2. Electrical Characteristics
These parts are rated for industrial voltage levels to ensure reliability in high-interference environments.
* **Rated Operational Voltage (Ue):** Generally rated up to **600V AC/DC**.
* **Thermal Current (Ith):** Typically **10A**, allowing it to handle control circuit surges.
* **Contact Resistance:** Low resistance (usually < 50mΩ) to ensure signal integrity for digital inputs.
* **Insulation Resistance:** > 100MΩ at 500V DC.
---
### 3. Mechanical & Environmental Parts
The "W2" and "R2" suffixes often denote specific physical configurations:
1. **Bezel/Housing:** Usually made of reinforced thermoplastic or chrome-plated zinc for durability.
2. **Contact Blocks:** The rear of the switch features stackable contact blocks. You can often add or remove blocks to change the circuit logic (e.g., adding more 1NO or 1NC contacts).
3. **Ingress Protection:** Rated at **IP65/66**, making it resistant to dust and low-pressure water jets, suitable for factory floors.
4. **Terminals:** Screw-clamp terminals are standard, designed for secure wire retention under vibration.
---
### 4. Circuit Functionality (3-Position)
In a 3-position configuration like the W2PP-31YR-R2, the electronic logic usually follows this truth table:
| Position | Left Contact | Right Contact |
| :--- | :--- | :--- |
| **Left (1)** | Closed | Open |
| **Center (0)** | Open | Open |
| **Right (2)** | Open | Closed |
---
### Summary of Part Number Breakdown
* **W2/31:** Indicates the series and mounting style.
* **YR:** Often refers to the handle type (e.g., Lever or Knob) and Color (Yellow/Red in some manufacturer codes).
* **R2:** Typically denotes the specific contact arrangement (e.g., 2 Normally Open contacts).
- ⤷What are the specific wiring diagrams for the R2 contact block?
- ⤷ Can this switch be upgraded to include LED illumination?
- ⤷ What is the mechanical lifespan (number of cycles) for this switch?