công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-312N-R2

  • AI
    The **W2PP-312N-R2** is a specific model of an **Industrial Ethernet Switch**, typically manufactured by companies like **Westermo**. These devices are designed for robust communication in harsh environments such as railways, power utilities, or automation plants. --- ### 1. General Specifications This device is a managed or unmanaged industrial switch (depending on the exact series configuration) that focuses on High-Power over Ethernet (PoE) delivery. | Feature | Specification | | :--- | :--- | | **Port Count** | 12 Ports total | | **PoE Support** | Power over Ethernet (PoE/PoE+) | | **Mounting** | DIN-rail or Wall mount | | **Housing** | Ruggedized Metal IP-rated casing | | **Input Voltage** | Typically 48-56 VDC (for PoE applications) | --- ### 2. Electronic Component Breakdown #### A. Power Supply Circuitry Since this is a "PP" (Power Projection) model, the internal electronics are centered around **DC-DC Converters**. * **Voltage Regulation:** The internal board converts the industrial input (usually 24V or 48V) to stable voltages for the logic board (3.3V, 1.2V) and the PoE rail (54V). * **Protection:** Includes Transient Voltage Suppressors (TVS) and fuses to protect against power surges common in industrial settings. #### B. Ethernet Controller & PHY (Physical Layer) * **Switch Fabric:** The "heart" of the device is an ASIC (Application-Specific Integrated Circuit) that manages the MAC address table and packet switching. * **Magnetics (Transformers):** Each RJ45 port has an internal or external isolation transformer. These provide galvanic isolation between the network cable and the internal logic to prevent ground loops. #### C. PoE Controller * **PSE (Power Sourcing Equipment) Logic:** Chips that negotiate with connected devices (PDs) to determine how much power to send. It prevents sending high voltage to non-PoE devices. --- ### 3. Key Electronic Characteristics 1. **Industrial Grade Components:** Unlike consumer switches, the capacitors used are typically **Solid Polymer** or high-temp electrolytic to ensure a long MTBF (Mean Time Between Failure) at temperatures up to 70°C. 2. **Redundancy:** Often features dual power inputs. If one power supply fails, the internal diode-ORing circuit seamlessly switches to the backup. 3. **EMI/EMC Shielding:** The internal PCB layout is heavily shielded to prevent electromagnetic interference from nearby heavy machinery or motors. --- ### 4. Configuration Examples ```json { "device_type": "Industrial Ethernet Switch", "model": "W2PP-312N-R2", "ports": { "copper": 8, "fiber_sfp": 4, "poe_capable": true }, "ruggedization": "Level 3 Industrial" } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum PoE wattage per port for the R2 revision?
    • ⤷ Does this model support Layer 3 routing or is it strictly Layer 2?
    • ⤷ What are the specific environmental temperature ratings for this hardware?