AI

The **W2PP-222R-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a related passive magnetic component. These parts are designed for high-efficiency power conversion and filtering.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification (Approximate) |
| :--- | :--- |
| **Inductance** | 2.2 µH (Represented by "222") |
| **Tolerance** | ±20% (Standard for "R" or "M" codes) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Material** | Ferrite Core with Copper Winding |
### 2. Breakdown of the Part Number
* **W2PP**: The Series identifier, usually indicating a specific physical size and molding technology (e.g., molded power choke).
* **222**: The Inductance code. $22 \times 10^2$ nH = 2200 nH, which equals **2.2 µH**.
* **R**: Often denotes the decimal point or a specific tolerance/packaging style.
* **R2/N**: Revision codes or lead-free/RoHS compliance indicators (N often stands for "None" or "Normal" lead-free termination).
---
### 3. Core Functions in a Circuit
Inductors like the W2PP-222R-R2/N serve three primary roles in electronic assemblies:
1. **Energy Storage**: In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle.
2. **Noise Filtering**: It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass.
3. **Voltage Regulation**: Helps smooth out ripple current in power supply outputs to ensure stable voltage for sensitive components like CPUs or FPGAs.
### 4. Common Applications
* **Consumer Electronics**: Laptops, tablets, and smartphones.
* **Power Modules**: Point-of-Load (POL) converters.
* **Automotive**: Infotainment systems and ECU power management.
* **Industrial**: High-density DC-DC power supplies.
---
### 5. Recommended PCB Footprint Considerations
When designing a PCB for this part, ensure the following:
* **Solder Mask**: Provide sufficient clearance to prevent bridging between the two main pads.
* **Thermal Vias**: Since inductors can generate heat at high currents, placing thermal vias nearby helps dissipation.
* **Trace Width**: Ensure traces are wide enough to handle the rated saturation current ($I_{sat}$) and temperature rise current ($I_{rms}$).
- ⤷
What is the maximum current rating (Isat) for the W2PP-222R series?
- ⤷ How does magnetic shielding in this part help with EMI compliance?
- ⤷ What are the physical dimensions (LxWxH) of this specific package?