W2PP-219R-R2
AI

The **W2PP-219R-R2** is a specific electronic hardware component, typically identified as a **Right-Angle Water-Resistant (IP67) Push-Push Micro SD Card Connector**. These components are critical in mobile electronics, outdoor IoT devices, and ruggedized industrial hardware where space is limited and environmental protection is required.
---
### 1. Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of the W2PP-219R-R2:
| Feature | Specification |
| :--- | :--- |
| **Interface** | Micro SD (TransFlash) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Orientation** | Right-Angle (Side Entry) |
| **Ejection Mechanism** | Push-Push (Push to insert, Push to eject) |
| **IP Rating** | IP67 (Dust tight, Water immersion up to 1m) |
| **Number of Contacts** | 8 Pins + Switch/Ground pins |
| **Shell Material** | Stainless Steel (typically with Gold plating on contacts) |
---
### 2. Key Electronic Parts & Features
#### A. Internal Contact Pins
The connector utilizes high-conductivity copper alloy pins, usually plated with **Gold (Au)** over Nickel. Gold is used to prevent oxidation and ensure a stable low-resistance electrical connection even after thousands of insertion cycles.
#### B. Push-Push Mechanism
This is a mechanical-electronic hybrid system consisting of:
* **Heart-shaped Cam:** Controls the locking and unlocking of the card.
* **Coil Spring:** Provides the tension required to eject the card.
* **Detection Switch:** An integrated circuit switch that signals the host controller (MCU/CPU) when a card is physically present.
#### C. IP67 Waterproofing Components
Unlike standard SD slots, the "W" in the prefix usually denotes **Waterproof**.
* **Silicone Gasket/O-ring:** Usually integrated around the mouth of the connector or the shell to seal against the device enclosure.
* **Sealed Housing:** The plastic body (LCP - Liquid Crystal Polymer) is molded to prevent water ingress through the solder leads.
---
### 3. Pinout Configuration
While specific pin assignments follow the Micro SD standard, the physical footprint includes:
1. **DAT2:** Data Line 2
2. **CD/DAT3:** Card Detect / Data Line 3
3. **CMD:** Command/Response
4. **VDD:** Supply Voltage (2.7V - 3.6V)
5. **CLK:** Clock Signal
6. **VSS:** Ground
7. **DAT0:** Data Line 0
8. **DAT1:** Data Line 1
9. **CD Switch:** Mechanical Card Detection pins (connected to GPIO).
---
### 4. Application Areas
* **Action Cameras:** High vibration and moisture exposure.
* **GPS Trackers:** Outdoor environments requiring IP-rated enclosures.
* **Industrial Handhelds:** Ruggedized tablets and scanners.
* **IoT Gateways:** External data logging in exposed locations.
- ⤷
What are the recommended soldering temperature profiles for the W2PP-219R-R2?
- ⤷ How does the IP67 rating change when the Micro SD card is partially ejected?
- ⤷ What is the mechanical lifespan (insertion cycles) for this specific connector?