W2PP-219N-R2SLASHN
AI

The **W2PP-219N-R2** is a specialized electronic component typically associated with high-frequency power distribution and RF (Radio Frequency) applications. Based on technical naming conventions, it belongs to the category of **Power Dividers/Combiners**.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics of this part series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | 2-Way 90° Power Splitter / Combiner |
| **Operating Frequency** | Typically covers bands within 1.5 GHz to 3.0 GHz (varies by revision) |
| **Phase Shift** | 90 Degree (Quadrature) |
| **Impedance** | 50 Ohms (Standard) |
| **Package Style** | Surface Mount (SMD) |
| **Revision** | R2 (Indicates the second iteration or a specific tuning adjustment) |
---
### 2. Functional Analysis
The W2PP-219N-R2 functions as a **Quadrature Hybrid**. Its primary roles include:
* **Power Splitting:** Taking an input signal and dividing it into two output signals of equal power but with a **90-degree phase difference**.
* **Power Combining:** Merging two signals into one while maintaining phase coherence, often used in balanced amplifier circuits.
* **Isolation:** Providing high isolation between the two output ports to prevent signal leakage or feedback.
---
### 3. Common Applications
This part is commonly found in the following electronic systems:
1. **Balanced Amplifiers:** Used to split the input signal for two parallel amplifiers and recombine them to improve stability and VSWR (Voltage Standing Wave Ratio).
2. **Phase Shifters:** Integrated into circuits requiring precise signal timing.
3. **I/Q Modulators/Demodulators:** Used in wireless communication transceivers to manage In-phase and Quadrature signal components.
4. **Signal Distribution:** Found in base stations and telecommunication infrastructure.
---
### 4. Mounting and Schematic Representation
In a circuit schematic, this part is represented as a four-port network:
* **Port 1:** Input
* **Port 2:** 0° Output (In-phase)
* **Port 3:** -90° Output (Quadrature)
* **Port 4:** Isolated Port (usually terminated with a 50-ohm resistor)
```text
[Port 1: IN] ----+---- [Port 2: 0°]
|
(Coupler Body)
|
[Port 4: ISO] ---+---- [Port 3: -90°]
```
- ⤷
What are the specific insertion loss values for the R2 revision?
- ⤷ How does this part compare to a 180-degree power divider?
- ⤷ What is the maximum power rating for the W2PP series?