công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-211R-R/Q

  • AI
    ## Analysis of W2PP-211R-R/Q The **W2PP-211R-R/Q** refers to a high-performance **Fiber Optic Receiver** module, typically associated with industrial communication standards and high-speed data transmission systems. These modules are often used in PLC (Programmable Logic Controller) environments or specialized networking hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (Photo-Link) | | **Data Rate** | Typically up to 25 Mbps (Standard version) | | **Fiber Connector** | Plastic Optical Fiber (POF) / Versatile Link | | **Operating Voltage** | +3.3V or +5.0V DC | | **Peak Wavelength** | 650 nm (Visible Red Light) | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Functional Description The device serves as the **receiver** end of a fiber optic link. Its primary role is to convert incoming light pulses (photons) back into electrical signals (electrons) that a microprocessor or logic circuit can understand. #### Electronic Components Inside: * **Integrated PIN Photodiode:** Senses the optical signal. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a voltage. * **Quantizer/Limit Amplifier:** Squares the waveform to ensure clean digital Logic High/Low levels. * **TTL/CMOS Compatible Output:** Allows direct connection to digital circuits without additional signal conditioning. --- ### 3. Pin Configuration & Hardware Interface While specific pinouts can vary by manufacturer, standard "Versatile Link" style receivers generally follow this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Output (Data)** | TTL/CMOS Digital signal out. | | **2** | **Vcc** | Power Supply (Positive). | | **3** | **GND** | Ground. | | **4** | **Vcc/NC** | Often tied to Vcc for filtering. | | **Case/Shield**| **GND** | Electrical noise shielding. | --- ### 4. Typical Applications 1. **Industrial Automation:** Transmitting data between CNC machines or PLCs where electromagnetic interference (EMI) is high. 2. **Medical Equipment:** Providing electrical isolation between the patient and high-voltage imaging equipment. 3. **High-Voltage Isolation:** Used in power grid monitoring to prevent ground loops. 4. **Audio/Video Digital Links:** High-fidelity data transfer. --- ### 5. Design Considerations When integrating the W2PP-211R-R/Q into a PCB design, keep the following in mind: * **Decoupling:** Place a 0.1µF ceramic capacitor as close to the $V_{cc}$ and $GND$ pins as possible to filter power supply noise. * **Termination:** Ensure the output trace is short to avoid signal reflection at high data rates. * **Alignment:** Use the recommended housing to ensure the fiber cable is perfectly centered on the receiver lens. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for this receiver using Plastic Optical Fiber (POF)?
    • ⤷ How does the 'R/Q' suffix change the electrical characteristics compared to the base model?
    • ⤷ What are the recommended bypass capacitor values for minimizing noise in this module?