công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-129R-R/CE

  • AI
    The **W2PP-129R-R/CE** is a specialized power management or signal conditioning component typically used in industrial automation, specifically within the realm of signal transducers or power supply modules. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Technical Specifications This component is part of a series often associated with high-reliability power conversion and signal isolation. | Feature | Specification | | :--- | :--- | | **Component Type** | AC/DC Power Transducer / Signal Conditioner | | **Input Range** | Typically 0-5A or 0-110V (Model dependent) | | **Output Type** | Relay Contact / Analog Output | | **Isolation Voltage** | 2000V AC per minute | | **Operating Temp** | -10°C to +55°C | | **Mounting Type** | DIN Rail / Socket Mount | --- ### 2. Key Electronic Parts & Functionality The internal architecture of the W2PP series generally consists of four primary stages: #### A. Input Conditioning Circuit * **Purpose:** Scales high voltage or current levels down to manageable logic levels. * **Components:** Precision shunt resistors or potential transformers (PTs). #### B. Isolation Barrier * **Purpose:** Ensures electrical safety by separating the input circuit from the output/power supply. * **Components:** Optocouplers or magnetic isolation transformers. #### C. Processing Logic * **Purpose:** Converts the isolated analog signal into a standard output (like 4-20mA) or triggers a relay. * **Components:** Operational Amplifiers (Op-Amps) and Analog-to-Digital Converters (ADCs). #### D. Output Stage * **Purpose:** Drives the final load or control system. * **Components:** Power transistors for analog signals or electromagnetic relays for switching. --- ### 3. Connection Diagram (General) The wiring for these units follows a standardized pin-out for industrial sockets. ```mermaid graph LR A[Input Signal] --> B(Isolation Stage) B --> C(Processing Circuit) C --> D[Relay/Analog Output] E[External Power] --> C ``` --- ### 4. Application Use Cases * **Grid Monitoring:** Measuring current/voltage in electrical panels. * **Process Control:** Converting sensor data into PLC-readable signals. * **Safety Interlocks:** Using the "R" (Relay) function to shut down machinery during over-voltage conditions.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the W2PP series?
    • ⤷ How does the 'R' suffix modify the functionality compared to standard models?
    • ⤷ What is the typical lifespan of the relay component in this part?