công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PP-123R-R

  • AI
    The **W2PP-123R-R** is a specific surface-mount electronic component, typically categorized as a **Wire-wound Ferrite Chip Inductor** (often used in power management and signal filtering). Below is a detailed breakdown of its electronic characteristics, technical specifications, and common applications. --- ## 1. Technical Specifications The following table outlines the typical electrical parameters for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 120 µH (Indicated by '123') | | **Tolerance** | ±10% or ±20% (Series dependent) | | **Material** | Ferrite Core | | **Construction** | Wire-wound | | **Mounting Type** | SMD (Surface Mount Device) | | **Packaging** | Tape & Reel (Indicated by '-R') | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical properties: 1. **W2PP**: The Series identifier. This usually indicates a high-current, wire-wound power inductor with a specific footprint size. 2. **123**: The Inductance code. * The first two digits (12) are significant figures. * The third digit (3) is the multiplier ($10^3$). * $12 \times 1,000 = 12,000 \text{ nH}$ or **120 µH**. 3. **R**: Often indicates the tolerance or a specific design revision. 4. **-R**: Typically stands for **RoHS Compliant** and/or **Tape & Reel** packaging. --- ## 3. Key Electronic Features * **High Current Handling**: Due to the wire-wound construction, these parts can handle higher saturation currents compared to multilayer chips. * **Low DC Resistance (DCR)**: The use of copper winding minimizes energy loss as heat. * **Magnetic Shielding**: Many parts in this category are shielded to prevent Electromagnetic Interference (EMI) with surrounding components on the PCB. * **High Q-Factor**: Offers better efficiency in resonant circuits and filtering applications. --- ## 4. Common Applications These components are widely used in power electronics where stability and efficiency are required: * **DC-DC Converters**: Used for energy storage in buck, boost, or buck-boost regulators. * **Noise Filtering**: Acting as a low-pass filter to remove high-frequency noise from power lines. * **LED Drivers**: Managing current stability for high-brightness LEDs. * **Consumer Electronics**: Found in smartphones, tablets, and laptops for localized voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the W2PP-123R-R?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in terms of performance?
    • ⤷ What are the recommended soldering profile settings for this SMD component?