W2PP-119R-R2
AI

The **W2PP-119R-R2** is a specific electronic component typically categorized under **Power Inductors** or custom electromagnetic components, often used in telecommunications and power management circuits.
---
### 1. Key Technical Specifications
While exact specifications can vary by manufacturer (often associated with brands like *Sumida* or *TDK* in specific series), the general characteristics for this part class include:
| Parameter | Typical Value/Description |
| :--- | :--- |
| **Component Type** | SMT (Surface Mount) Power Inductor |
| **Inductance** | Variable (Typically in the mH or µH range depending on sub-series) |
| **Current Rating** | Designed for high-saturation environments |
| **Core Material** | Ferrite core (low loss at high frequencies) |
| **Termination** | RoHS compliant lead-free solder |
---
### 2. Physical Construction
The "R2" suffix usually denotes a revision or a specific packaging style (like Tape & Reel).
* **Winding:** Precision-wound copper wire to minimize DC Resistance (DCR).
* **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on a PCB.
* **Footprint:** Designed for automated pick-and-place assembly.
---
### 3. Common Applications
This part is frequently found in the following electronic sectors:
1. **Telecommunications:** Used in ADSL/VDSL splitters or modem power stages to filter noise.
2. **DC-DC Converters:** Acts as an energy storage element in switching power supplies.
3. **Consumer Electronics:** Power regulation in high-density circuit boards where space is a premium.
---
### 4. Implementation Example
In a standard buck converter circuit, the W2PP-119R-R2 would be placed between the switching node and the output capacitor:
```python
# Simplified circuit logic representation
Component_Map = {
"Input": "V_In (12V)",
"Switch": "MOSFET (High Frequency)",
"Storage": "W2PP-119R-R2 Inductor", # Smooths current ripples
"Filter": "Output Capacitor",
"Output": "V_Out (3.3V)"
}
```
---
- ⤷
What is the exact inductance value for the R2 revision?
- ⤷ Is the W2PP-119R-R2 AEC-Q200 qualified for automotive use?
- ⤷ What are the recommended PCB landing pattern dimensions for this part?