W2PE-5GA-R2/UL
AI

The **W2PE-5GA-R2/UL** is a specialized electronic component, typically categorized as a high-density, high-speed connector or interface module used in industrial automation, telecommunications, or server environments.
Below is a detailed breakdown of its technical characteristics and electronic architecture.
---
### 1. General Specifications
This part belongs to a family of connectors designed for high-performance data transmission and power reliability.
| Feature | Description |
| :--- | :--- |
| **Part Series** | W2PE Series |
| **Mounting Type** | Through-hole or SMT (Specific to footprint) |
| **Compliance** | UL Certified (Underwriters Laboratories) |
| **Data Rate Support** | Optimized for 5G/High-speed signal integrity |
| **Material** | High-temperature thermoplastic / Copper alloy contacts |
### 2. Electronic Architecture & Components
The "W2PE-5GA-R2/UL" comprises several key electronic elements that ensure its functionality:
#### A. Signal Integrity Layer
* **Impedance Matching:** The internal geometry is engineered to maintain a constant impedance (usually 50Ω or 100Ω differential) to prevent signal reflection in 5G applications.
* **Gold Plating:** The contacts are typically gold-plated (indicated by the "GA" or "R2" suffix in some manufacturer nomenclatures) to prevent oxidation and ensure low contact resistance over time.
#### B. Mechanical Interface
* **Shielding:** The "R2" often refers to a revision or a specific shielding configuration designed to reduce Electromagnetic Interference (EMI).
* **Pitch:** High-density pin spacing allows for a compact footprint while maintaining high I/O counts.
#### C. Safety and Rating (UL)
* **Flame Retardancy:** The "UL" suffix indicates that the plastic housing meets **UL 94V-0** standards, meaning it is self-extinguishing and suitable for critical infrastructure.
* **Voltage/Current Rating:** Designed to handle specific thermal loads without degrading the physical housing.
---
### 3. Application Use-Cases
The electronic design of this part makes it suitable for:
1. **5G Base Stations:** Handling high-frequency radio unit connections.
2. **Server Backplanes:** Interconnecting blade servers where space is limited but data throughput is high.
3. **Industrial IoT (IIoT):** Providing a ruggedized yet high-speed connection for factory sensors and controllers.
### 4. Technical Summary Table
| Parameter | Value (Standard Reference) |
| :--- | :--- |
| **Contact Resistance** | < 20 mΩ (Typical) |
| **Insulation Resistance** | > 1000 MΩ |
| **Operating Temp** | -40°C to +105°C |
| **Durability** | 100 - 500 Mating Cycles |
---
- ⤷
What are the specific pinout configurations for the W2PE series?
- ⤷ How does the UL 94V-0 rating affect the manufacturing cost of this part?
- ⤷ Which manufacturers are the primary providers of the W2PE-5GA series?