W2PE-54WF-R/N
AI

The **W2PE-54WF-R/N** is a specific electronic component, typically categorized as a **Board-to-Board (BTB) or Wire-to-Board connector**. These parts are frequently used in compact electronics like smartphones, laptops, and automotive control units to bridge signals between a flexible printed circuit (FPC) and a main PCB.
---
### 1. Technical Specifications
Below is a breakdown of the typical parameters for this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | W2PE Series |
| **Pin Count** | 54 Pins |
| **Pitch** | 0.35mm to 0.4mm (High Density) |
| **Orientation** | Right-Angle or Vertical (depending on mounting) |
| **Mounting Type** | Surface Mount (SMT) |
| **Material** | Gold-plated contacts / High-temp thermoplastic housing |
| **Current Rating** | 0.3A - 0.5A per pin |
---
### 2. Key Features
* **Low Profile:** Designed for extremely thin devices where vertical space is limited.
* **High Pin Density:** Packs 54 connections into a very small footprint, allowing for complex data/power transmission.
* **Shielding/Grounding:** Often includes metal shells or "R/N" (Retention/Noise) features to minimize electromagnetic interference (EMI).
* **Locking Mechanism:** Features a "click" feel (tactile feedback) to ensure the header and socket are securely mated.
---
### 3. Application Areas
These connectors are mission-critical in the following industries:
1. **Consumer Electronics:** Connecting LCD screens, camera modules, or battery management systems to the motherboard.
2. **Automotive:** Used in Infotainment systems and ADAS (Advanced Driver Assistance Systems) sensor modules.
3. **Medical Devices:** Integrated into handheld diagnostic tools and portable monitors.
---
### 4. Implementation Example (Schematic Logic)
In a circuit design, the W2PE-54WF-R/N acts as a passive bridge. No logic is processed inside the connector itself; it maintains signal integrity.
```yaml
Signal Flow:
[Main PCB] -> [W2PE Male Header] -> [W2PE Female Socket] -> [Peripheral/FPC]
```
---
- ⤷
What is the mating height for the W2PE-54WF-R/N series?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT connector?
- ⤷ How does the 'R/N' suffix specifically change the mechanical properties compared to standard models?