W2PE-52G-R2/N
AI

The **W2PE-52G-R2/N** is a specialized power distribution component, typically identified as an **ATS (Automatic Transfer Switch) Power Module** or a specific high-efficiency power supply unit often used in server chassis or networking enclosures (such as those manufactured by Chenbro or similar industrial server rack providers).
Below is a breakdown of its electronic characteristics and functional parts.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Redundant Power Supply Module / ATS Module |
| **Max Power Output** | Generally rated around 500W - 520W (varies by sub-revision) |
| **Input Type** | AC Universal Input (100V - 240V) |
| **Form Factor** | 1U Slim Redundant / Proprietary Module |
| **Efficiency Rating** | Typically 80 Plus Gold or Platinum certified |
| **Cooling** | Integrated high-RPM 40mm cooling fan |
---
### 2. Core Electronic Components
The "R2/N" designation implies a specific revision with the following internal electronic architecture:
#### A. Power Conversion Stage
* **Active PFC (Power Factor Correction):** Utilizes a dedicated controller and high-voltage inductors to ensure power factor values >0.95, reducing electrical waste.
* **PWM Controller:** Manages the switching frequency of the MOSFETs to regulate the DC output voltage precisely under varying loads.
#### B. Redundancy & Logic
* **Hot-Swap Interface:** The rear of the module features a "Gold Finger" edge connector. This allows the unit to be inserted or removed while the system is running.
* **I2C / PMBus Communication:** The unit includes a logic board that communicates with the motherboard (via the backplane) to report fan speed, temperature, and power consumption.
#### C. Protection Circuitry
The module integrates several protection layers to prevent damage to the server hardware:
1. **OVP (Over Voltage Protection):** Shuts down if the rail exceeds safe limits.
2. **OCP (Over Current Protection):** Prevents traces from melting during a short circuit.
3. **OTP (Over Temperature Protection):** Throttles or shuts down if the internal heatsinks reach critical temperatures.
---
### 3. Connection and Integration
| Part | Function |
| :--- | :--- |
| **AC Inlet** | Standard C14 connector for power input. |
| **LED Indicators** | Usually Bi-color (Green/Amber) to indicate Power OK or Fault status. |
| **Locking Lever** | Mechanical latch to ensure the module stays seated against the backplane. |
| **Backplane Connector** | Transfers +12V, +5Vsb, and GND to the distribution board. |
---
### 4. Typical Applications
* **1U/2U Rackmount Servers:** Providing N+1 redundancy.
* **Industrial PCs:** Where 24/7 uptime is required.
* **Storage Arrays:** Powering high-density HDD/SSD arrays that require stable 12V rails.
---
- ⤷What is the pinout configuration for the W2PE-52G-R2/N gold finger connector?
- ⤷ How do I troubleshoot a solid amber LED light on this power module?
- ⤷ Is this module compatible with standard ATX motherboards via an adapter?