W2PE-52G-R/N
AI

The **W2PE-52G-R/N** is a specific model of an **RJ45 Jack with Integrated Magnetics** (commonly known as a "MagJack"). These components are essential in networking hardware, combining a physical Ethernet port with the necessary isolation circuitry.
---
### 1. General Specifications
This part is designed for high-speed data transmission and PCB mounting. Below are the primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 Female Jack |
| **Configuration** | 1x1 Port (Single Port) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle (Side Entry) |
| **Shielding** | Metal Shielded (EMI Protection) |
| **Mounting Type** | Through-Hole (THT) |
---
### 2. Internal Electronic Components
The "Integrated Magnetics" aspect means several discrete components are housed inside the plastic casing of the jack:
#### A. Isolation Transformers
* **Purpose:** Provides galvanic isolation between the PHY (Physical Layer) chip and the external network cable.
* **Protection:** Protects the internal circuitry from static electricity (ESD) and high-voltage surges on the Ethernet line.
#### B. Common Mode Chokes
* **Function:** Filters out high-frequency noise and Electromagnetic Interference (EMI) that could corrupt data signals.
* **Importance:** Ensures compliance with FCC/CE emission standards.
#### C. Termination Resistors (Bob Smith Termination)
* **Usage:** Used to terminate unused wire pairs and minimize reflections, improving signal integrity over long distances.
#### D. LEDs (Integrated)
* **Green/Yellow:** Usually features built-in LEDs on the front face to indicate "Link" and "Activity" status.
---
### 3. Pinout and Mechanical Features
* **Tab Direction:** Often "Tab Up" or "Tab Down" (specific to the R/N suffix variants), which dictates how the cable clip inserts into the port.
* **Solder Pins:** Multiple signal pins for the Ethernet data lines, plus additional pins for the LEDs and shield grounding.
### 4. Typical Applications
* **Network Interface Cards (NICs)**
* **Industrial Routers and Switches**
* **Embedded IoT Boards** (e.g., Raspberry Pi-style custom boards)
* **Set-top Boxes**
---
- ⤷
What is the pinout configuration for the W2PE-52G-R/N LEDs?
- ⤷ Can this component support Power over Ethernet (PoE)?
- ⤷ What is the operating temperature range for this specific RJ45 jack?