W2PE-52E-R2
AI

The **W2PE-52E-R2** is a specific industrial-grade Ethernet switch module, often associated with embedded computing and automation hardware (frequently found in Portwell or similar industrial PC configurations).
Below is a detailed breakdown of its electronic components and functional specifications.
---
## 1. Core Identification
The W2PE-52E-R2 is primarily identified as a **PCI Express (PCIe) to Ethernet Adapter/Switch card**. It is designed to expand networking capabilities within a compact or industrial chassis.
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCI Express (PCIe) |
| **Ethernet Speed** | 10/100/1000 Mbps (Gigabit Ethernet) |
| **Port Count** | Typically 2 to 5 Ports (depending on specific carrier board integration) |
| **Form Factor** | Proprietary/Embedded Riser or Mezzanine Card |
---
## 2. Key Electronic Components
### A. Ethernet Controller (The "Brain")
The board typically utilizes high-reliability Ethernet controllers (PHY/MAC).
* **Common Chipsets:** Often uses **Intel i210** or **Realtek RTL8111** series controllers.
* **Function:** Handles the Data Link and Physical layers of the OSI model, managing frame transmission and error checking.
### B. Magnetics (Isolation Transformers)
* **Purpose:** These are the small black blocks near the RJ45 connectors.
* **Function:** They provide galvanic isolation, protecting the internal logic circuits from voltage spikes on the Ethernet cable and reducing Electromagnetic Interference (EMI).
### C. Power Management (VRM)
* **Components:** Voltage regulators (LDOs or Buck Converters), inductors, and capacitors.
* **Function:** Converts the PCIe bus power (usually 3.3V or 12V) down to the logic levels required by the controller (e.g., 1.0V, 1.8V, or 2.5V).
### D. Crystal Oscillator
* **Function:** Provides a precise clock signal (usually 25MHz) to the Ethernet controller to ensure synchronized data timing.
---
## 3. Technical Features and Architecture
### Connectivity Layout
1. **PCIe Golden Fingers:** Connects to the motherboard to provide the data backbone.
2. **LED Indicators:** Standard Link/Activity LEDs to diagnose connection status.
3. **EEPROM:** Stores the MAC address and configuration parameters for the NIC (Network Interface Controller).
### Environmental Durability
Since the "R2" designation often implies a specific revision for industrial use:
* **Solid Capacitors:** Longer lifespan compared to standard electrolytic capacitors.
* **Wide Temperature Tolerance:** Electronic components are usually rated for 0°C to 60°C (or higher in specialized versions).
---
## 4. Usage Scenario
The **W2PE-52E-R2** is typically used in:
* **Industrial Automation:** Providing multiple LAN ports for PLCs or sensors.
* **Network Appliances:** Acts as a firewall or hardware gateway.
* **Digital Signage:** Managing remote content updates via dedicated LAN lines.
- ⤷
What is the exact pinout or connector type used for the PCIe interface on this card?
- ⤷ Is the W2PE-52E-R2 compatible with standard Linux and Windows drivers?
- ⤷ Does this card support Power over Ethernet (PoE) functionality?