W2PE-51B-R2
AI

The **W2PE-51B-R2** is a specialized electronic component, typically identified as a **high-density, micro-pitch connector** (often associated with high-speed interface applications like Thunderbolt, DisplayPort, or proprietary docking connections).
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
This part belongs to the category of high-performance interconnects designed for compact electronic devices.
| Feature | Specification |
|:---|:---|
| **Pin Count** | 51 Pins |
| **Pitch** | Ultra-fine (typically 0.4mm or 0.5mm) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Orientation** | Right-Angle or Vertical (depending on specific R2 revision) |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Body Material** | High-Temperature Thermoplastic (LCP) |
### 2. Key Electronic Characteristics
The W2PE series is engineered to handle specific electrical requirements for modern high-speed data transmission:
* **Contact Resistance:** Engineered to be extremely low (typically < 50 mΩ) to minimize signal loss and heat generation.
* **Current Rating:** Despite the small size, these pins are usually rated for 0.5A per contact.
* **Dielectric Withstanding Voltage:** Designed to withstand ~250V AC/minute to prevent arcing between the closely spaced pins.
* **Impedance Control:** The geometry of the pins and the plastic housing are optimized to maintain a specific differential impedance (often 85Ω or 100Ω) for high-speed protocols.
### 3. Structural Components
The "R2" suffix often denotes a revision or specific packaging/mechanical reinforcement:
1. **Shielding Shell:** Often features a metal "can" or shell to provide EMI (Electromagnetic Interference) protection and mechanical grounding.
2. **Solder Tabs:** Large metal tabs on the sides of the connector provide mechanical stability to the PCB, preventing the SMT pins from shearing off during cable insertion/removal.
3. **Gold Plating:** Critical for preventing oxidation on the 51 micro-pins, ensuring long-term conductivity in high-cycle environments.
### 4. Typical Applications
* **Mobile Computing:** Internal connections between a motherboard and a high-resolution display panel (eDP).
* **Docking Stations:** High-bandwidth interfaces for transmitting video, data, and power simultaneously.
* **Medical Devices:** Compact imaging equipment requiring high-density signal routing.
---
- ⤷What is the exact pitch measurement for the W2PE-51B-R2?
- ⤷ Is this connector compatible with LVDS or eDP signal standards?
- ⤷ What are the recommended soldering temperature profiles for this SMT component?