công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PE-50D-R2

  • AI
    The **W2PE-50D-R2** is a specific electronic component typically categorized as a **D-Subminiature (D-Sub) high-density connector**. These components are widely used in industrial, computing, and telecommunications equipment for reliable multi-pin data and signal transmission. --- ### 1. Technical Specifications The part number breaks down into specific physical and electrical characteristics: | Feature | Specification | | :--- | :--- | | **Connector Type** | D-Subminiature (High Density) | | **Number of Positions** | 50-Pin | | **Gender** | Male (Plug) | | **Mounting Type** | Through-hole, Right Angle (R2 typically denotes the layout/bend) | | **Termination** | Solder Tail | | **Contact Material** | Copper Alloy (usually with Gold plating over Nickel) | | **Current Rating** | ~1A to 3A per contact (Standard for HD D-Subs) | --- ### 2. Key Components & Materials * **Insulator:** Usually made of a high-temperature thermoplastic (like PBT or UL94V-0 rated plastic) to prevent shorting between pins. * **Shell:** Steel or Brass with Nickel or Tin plating for EMI/RFI shielding and structural durability. * **Contacts:** Precision-machined or stamped pins designed for low contact resistance. * **Mounting Hardware:** Often includes "Boardlocks" or threaded "Jackposts" to secure the connector to the PCB and the mating cable. --- ### 3. Application Use Cases This specific 50-pin high-density configuration is commonly found in: 1. **Industrial Automation:** Connecting PLC units to external sensors or actuators. 2. **Legacy Computing:** High-bandwidth parallel data transfers. 3. **Medical Equipment:** Interface ports for diagnostic machinery where space-saving (high density) is required. 4. **Test & Measurement:** Multi-channel signal routing in oscilloscope or logic analyzer interfaces. --- ### 4. Installation Notes * **Footprint:** Since this is a "Right Angle" (R2) part, it is designed to sit on the edge of a Printed Circuit Board (PCB), allowing the cable to be plugged in parallel to the board. * **Soldering:** Requires wave soldering or manual soldering. Ensure the board thickness matches the tail length of the connector to ensure a strong mechanical bond.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin pitch for the W2PE-50D-R2?
    • ⤷ Are there waterproof versions of this 50-pin connector?
    • ⤷ What is the difference between standard and high-density D-sub connectors?