W2PE-50D-R
AI

## Overview of the W2PE-50D-R
The **W2PE-50D-R** is a high-density, board-to-board connector, typically categorized under the **W2PE Series**. These connectors are engineered for high-speed data transmission and compact PCB (Printed Circuit Board) layouts, often used in telecommunications, computing, and industrial automation.
---
### 1. Key Technical Specifications
| Parameter | Details |
| :--- | :--- |
| **Number of Positions** | 50 Pins |
| **Pitch** | 0.5mm (High Density) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Connector Gender** | Receptacle (Female) |
| **Row Configuration** | Dual Row (25 x 2) |
| **Plating** | Gold (typically for high conductivity and corrosion resistance) |
---
### 2. Physical Construction and Materials
The "Electronic Parts" of this connector consist of several critical sub-components designed for mechanical integrity and electrical performance:
* **Insulator Body:** Made of high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer). This material is chosen for its ability to withstand lead-free reflow soldering temperatures without warping.
* **Contact Pins:** Usually made of a copper alloy (Phosphor Bronze or Beryllium Copper). These provide the necessary spring force to maintain electrical contact.
* **Metal Tabs (Solder Tabs):** Located on the sides of the connector, these tabs are soldered to the board to provide mechanical strain relief, ensuring the connector doesn't rip off the PCB during plugging/unplugging.
---
### 3. Functional Characteristics
The design of the W2PE-50D-R focuses on three main electronic priorities:
1. **Signal Integrity:** The 0.5mm pitch and internal shielding (in some variations) minimize crosstalk and electromagnetic interference (EMI), making it suitable for high-speed signals like PCIe or LVDS.
2. **Low Profile:** The "D" in the part number often signifies a specific height or dual-row configuration designed for "stacking" boards or connecting a daughterboard to a motherboard in tight spaces.
3. **Gold Plating:** The contacts are plated with gold over nickel. This ensures low contact resistance and prevents oxidation, which is vital for low-voltage electronic circuits.
---
### 4. Typical Applications
* **Mobile Devices:** Internal connections for displays or camera modules.
* **Industrial PCs:** Connecting mezzanine cards to the main CPU board.
* **Medical Equipment:** High-density signal routing in portable diagnostic tools.
---
- ⤷What is the mating height for the W2PE series when paired with a plug?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT connector?
- ⤷ Can this connector support high-speed data protocols like USB 3.0?